Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S201MB63 Datasheet(PDF) 3 Page - ABB

Part # S201MB63
Description  Protecta - Type B Distribution Boards TP & N Distribution Boards
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

S201MB63 Datasheet(HTML) 3 Page - ABB

  S201MB63 Datasheet HTML 1Page - ABB S201MB63 Datasheet HTML 2Page - ABB S201MB63 Datasheet HTML 3Page - ABB S201MB63 Datasheet HTML 4Page - ABB S201MB63 Datasheet HTML 5Page - ABB S201MB63 Datasheet HTML 6Page - ABB S201MB63 Datasheet HTML 7Page - ABB S201MB63 Datasheet HTML 8Page - ABB S201MB63 Datasheet HTML 9Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
30 distribution ABB Low Voltage Contractor 0312
2
E203
F204AC
250A MCCB
Protecta
Type B Distribution Boards
Connection Kits
Product Hierarchy 4200001
Description
Part No
Order Code
Price £
F200 RCD Connection kit
EPBKIT2C
1SKA142000C1001
21.79
Coupling kit side by side
EPBKIT5
1SKA145000C0001
15.27
Spare 100A TP Isolator kit
EBKIT8C
1SKA148000C1001
17.20
250A Single phase kit
EPBKIT6C1-25
1SKA146000C5001
56.38
Single phase connection kit
EPBKIT6C1
1SKA146000C3001
20.55
250A MCCB connection kit
EPBKIT1-T3C1
1SKA141000C3003
27.79
70mm Cable connection kit
EPBKIT4C1
1SKA144000C3001
15.78
120mm Cable connection kit
EPBKIT3C1
1SKA143000C3001
20.30
Label kit for 24 way EPB board
EPBKIT0-7
1SKA140000C1008
27.04
Blank spare flange plate
EPBGP1UK
1SKA130002C0001
8.28
Incomer Options
Product Hierarchy 2500001
Description
Rating (A)
(mA)
Part No
Order Code
Price £
Switch Disconnector
(no kit required)
100A 3 pole
E203/100r
2CDE283001R0100
40.46
Switch Disconnector
(no kit required)
125A 3 pole
E203/125r
2CDE283001R0125
58.41
Switch Disconnector
MCCB•
250A 3 pole
1SDA051327R1
1SDA051327R1
• Require Kit EPBKIT1-T3C1
RCCB
(requires EPB Kit 2C)
63A 4 pole
30
F204AC-63/0.03
2CSF204001R1630
115.72
RCCB
(requires EPB Kit 2C)
63A 4 pole
100
F204AC-63/0.1
2CSF204001R2630
83.26
RCCB
(requires EPB Kit 2C)
63A 4 pole
300
F204AC-63/0.3
2CSF204001R3630
76.03
RCCB
(requires EPB Kit 2C)
80A 4 pole
30
F204AC-80/0.03
2CSF204001R1800
143.94
RCCB
(requires EPB Kit 2C)
100A 4 pole
30
F204AC-100/0.03
2CSF204001R1900
161.97
RCCB
(requires EPB Kit 2C)
100A 4 pole
100
F204AC-100/0.1
2CSF204001R2900
161.97
RCCB time delayed
(requires EPB Kit 2C)
100A 4 pole
300
F204AC-100/0.3
2CSF204001R3900
161.97
Product Hierarchy 3000004
Description
Rating (A)
Part No
Order Code
Price £
MCCB T3 - 36kA
Require Kit EPBKIT1-T3C1
100A 3 pole
1SDA051243R1
1SDA051243R1
203.85
125A 3 pole
1SDA051244R1
1SDA051244R1
224.82
160A 3 pole
1SDA051245R1
1SDA051245R1
286.27
200A 3 pole
1SDA051246R1
1SDA051246R1
286.27
250A 3 pole
1SDA051247R1
1SDA051247R1
395.52
All the above require an EPBKIT1-T3C1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com