Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS73233DBVT Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # TPS73233DBVT
Description  Cap-Free, NMOS, 250mA Low Dropout Regulator with Reverse Current Protection
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS73233DBVT Datasheet(HTML) 18 Page - Texas Instruments

Back Button TPS73233DBVT Datasheet HTML 14Page - Texas Instruments TPS73233DBVT Datasheet HTML 15Page - Texas Instruments TPS73233DBVT Datasheet HTML 16Page - Texas Instruments TPS73233DBVT Datasheet HTML 17Page - Texas Instruments TPS73233DBVT Datasheet HTML 18Page - Texas Instruments TPS73233DBVT Datasheet HTML 19Page - Texas Instruments TPS73233DBVT Datasheet HTML 20Page - Texas Instruments TPS73233DBVT Datasheet HTML 21Page - Texas Instruments TPS73233DBVT Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0 (mm)
B0 (mm)
K0 (mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
TPS73201DBVR
SOT-23
DBV
5
3000
179.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
TPS73201DBVT
SOT-23
DBV
5
250
179.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
TPS73201DCQR
SOT-223
DCQ
6
2500
330.0
12.4
6.8
7.3
1.88
8.0
12.0
Q3
TPS73201DRBR
SON
DRB
8
3000
330.0
12.4
3.3
3.3
1.0
8.0
12.0
Q2
TPS73201DRBR
SON
DRB
8
3000
330.0
12.4
3.3
3.3
1.1
8.0
12.0
Q2
TPS73201DRBT
SON
DRB
8
250
180.0
12.4
3.3
3.3
1.1
8.0
12.0
Q2
TPS73201DRBT
SON
DRB
8
250
330.0
12.4
3.3
3.3
1.0
8.0
12.0
Q2
TPS73213DBVR
SOT-23
DBV
5
3000
179.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
TPS73213DBVT
SOT-23
DBV
5
250
179.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
TPS73215DBVR
SOT-23
DBV
5
3000
179.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
TPS73215DBVT
SOT-23
DBV
5
250
179.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
TPS73215DCQR
SOT-223
DCQ
6
2500
330.0
12.4
6.8
7.3
1.88
8.0
12.0
Q3
TPS73216DBVR
SOT-23
DBV
5
3000
179.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
TPS73216DBVT
SOT-23
DBV
5
250
179.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
TPS73218DBVR
SOT-23
DBV
5
3000
179.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
TPS73218DBVT
SOT-23
DBV
5
250
179.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
TPS73218DCQR
SOT-223
DCQ
6
2500
330.0
12.4
6.8
7.3
1.88
8.0
12.0
Q3
TPS73219DBVR
SOT-23
DBV
5
3000
179.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
PACKAGE MATERIALS INFORMATION
www.ti.com
4-Apr-2008
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com