Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS73233DBVT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS73233DBVT
Description  Cap-Free, NMOS, 250mA Low Dropout Regulator with Reverse Current Protection
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS73233DBVT Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS73233DBVT Datasheet HTML 6Page - Texas Instruments TPS73233DBVT Datasheet HTML 7Page - Texas Instruments TPS73233DBVT Datasheet HTML 8Page - Texas Instruments TPS73233DBVT Datasheet HTML 9Page - Texas Instruments TPS73233DBVT Datasheet HTML 10Page - Texas Instruments TPS73233DBVT Datasheet HTML 11Page - Texas Instruments TPS73233DBVT Datasheet HTML 12Page - Texas Instruments TPS73233DBVT Datasheet HTML 13Page - Texas Instruments TPS73233DBVT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
www.ti.com
60
55
50
45
40
35
30
25
20
C
FB (F)
10p
100p
1n
10n
V
OUT = 2.5V
C
OUT = 0µF
R
1 = 39.2kΩ
10Hz < Frequency < 100kHz
160
140
120
100
80
60
40
20
0
−50
−25
0
25
50
75
100
125
Temperature (
_C)
5
µs/div
100mV/div
100mV/div
V
OUT
V
OUT
V
IN
4.5V
3.5V
C
OUT = 0µF
V
OUT = 2.5V
C
FB = 10nF
C
OUT = 10µF
10
µs/div
100mV/div
100mV/div
V
OUT
V
OUT
I
OUT
250mA
10mA
C
OUT = 0µF
C
FB = 10nF
R
1 = 39.2kΩ
C
OUT = 10µF
TPS732xx
SBVS037L – AUGUST 2003 – REVISED AUGUST 2007
TYPICAL CHARACTERISTICS (continued)
For all voltage versions at TJ = 25°C, VIN = VOUT(nom) + 0.5V, IOUT = 10mA, VEN = 1.7V, and COUT = 0.1µF, unless otherwise
noted.
TPS73201
TPS73201
RMS NOISE VOLTAGE vs CFB
IFB vs TEMPERATURE
Figure 27.
Figure 28.
TPS73201
TPS73201
LOAD TRANSIENT, ADJUSTABLE VERSION
LINE TRANSIENT, ADJUSTABLE VERSION
Figure 29.
Figure 30.
10
Submit Documentation Feedback
Copyright © 2003–2007, Texas Instruments Incorporated
Product Folder Link(s): TPS732xx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com