Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APM32E103CCU6-R Datasheet(PDF) 2 Page - Geehy Semiconductor Co., Ltd.

Part # APM32E103CCU6-R
Description  Arm® Cortex®-M3 based 32-bit MCU
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GEEHY [Geehy Semiconductor Co., Ltd.]
Direct Link  https://global.geehy.com/
Logo GEEHY - Geehy Semiconductor Co., Ltd.

APM32E103CCU6-R Datasheet(HTML) 2 Page - Geehy Semiconductor Co., Ltd.

  APM32E103CCU6-R Datasheet HTML 1Page - Geehy Semiconductor Co., Ltd. APM32E103CCU6-R Datasheet HTML 2Page - Geehy Semiconductor Co., Ltd. APM32E103CCU6-R Datasheet HTML 3Page - Geehy Semiconductor Co., Ltd. APM32E103CCU6-R Datasheet HTML 4Page - Geehy Semiconductor Co., Ltd. APM32E103CCU6-R Datasheet HTML 5Page - Geehy Semiconductor Co., Ltd. APM32E103CCU6-R Datasheet HTML 6Page - Geehy Semiconductor Co., Ltd. APM32E103CCU6-R Datasheet HTML 7Page - Geehy Semiconductor Co., Ltd. APM32E103CCU6-R Datasheet HTML 8Page - Geehy Semiconductor Co., Ltd. APM32E103CCU6-R Datasheet HTML 9Page - Geehy Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 79 page
background image
www.geehy.com
Page 1
1. Product characteristics
Core
32-bit Arm® Cortex®-M3 core
Up to 120MHz working frequency
On-chip memory
Flash:512KB
SRAM:128KB
EMMC: Supports CF card, SRAM,
PSRAM, SDRAM NOR and NAND
memory
Clock
HSECLK: 4~16MHz external
crystal/ceramic oscillator supported
LSECLK: 32.768KHz crystal/ceramic
oscillator supported
HSICLK: 8MHz RC oscillator calibrated
by factory
LSICLK: 40KHz RC oscillator supported
PLL: Phase locked loop, 2~16 times of
frequency supported
Reset and power management
VDD range: 2.0~3.6V
VDDA range: 2.0~3.6V
VBAT range of backup domain power
supply: 1.8V~3.6V
Power-on/power-down reset (POR/PDR)
supported
Programmable power supply voltage
detector supported(PVD)
Low-power mode
Sleep,
stop
and
standby
modes
supported
DMA
Two DMA; DMA1 supports 7 channels
and DMA2 supports 5 channels
Debugging interface
JTAG
SWD
I/O
Up to 112 I/Os
All I/Os can be mapped to external
interrupt vector
Up to 87 FT input I/Os
Communication peripherals
2 I2C interfaces (1Mbit/s), all of which
support SMBus/PMBus
3 USART, 2 UART, support ISO7816, LIN
and IrDA functions
3 SPI (18Mbps) interfaces, two of which
support I2S interface multiplexing
2 CAN, USBD and CAN can work
independently at the same time
1 USBD
1 SDIO Interface
Analog peripherals
3 12-bit ADCs
2 12-bit DACs
Timer
2 16-bit advanced timers TMR1/8 that can
provide 7 channels PWM output, support
dead zone generation and braking input
functions
4
16-bit
general-purpose
timers
TMR2/3/4/5,
each
with
up
to
4
independent channels to support input
capture, output comparison, PWM, pulse
count and other functions
2 16-bit basic timers TMR6/7
2 watchdog timers: one independent
watchdog
IWDT
and
one
window
watchdog WWDT
1 24-bit autodecrement SysTick Timer
RTC
Support calendar and clock functions
84Bytes backup register
FPU
CRC computing unit
96-bit unique device ID
Chip packaging
QFN48/LQFP48/LQFP64/LQFP100/LQF
P144



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com