| Electronic Components Datasheet Search |
|
LM339 Datasheet(PDF) 6 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LM339 Datasheet(HTML) 6 Page - STMicroelectronics |
|
6 / 10 page ![]() LM139,A-LM239,A-LM339,A 6/10 TYPICAL SINGLE (continued) TIME DEALY GENERATOR LOW FREQUANCY OP AMP WITH OFFSET ADJUST ZERO CROSSING DETECTOR (single power supply) VCC O A 0 tt V(ref.) 10kΩ 1/4 10kΩ 15kΩ 200kΩ 3kΩ 10MΩ 3kΩ 3kΩ 10kΩ 10MΩ 10kΩ V O2 V O3 10MΩ 10kΩ O1 V 51kΩ 51kΩ V1 V2 51kΩ 0.001µF V C1 V3 INPUT GATING SIGNAL VCC V C1 V1 V2 V3 0 0 1 t t 3 t 4 t 2 t t VCC t0 t1 VCC t0 t2 VCC t0 t3 VC C =+15V 1/4 LM139 1/4 1/4 LM139 LM139 LM139 e I ~ 2N 2222 5V eo R1 100k Ω 1k Ω 5V 1M Ω 100k Ω 1M Ω Offset Adjust Rs RI 15k Ω 0.5 µF R2 1/4 LM139 100k Ω 10k Ω eI 20M Ω 5V 5.1k Ω 1N4148 5.1k Ω 5.1k Ω 100k Ω 1/4 LM139 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |