| Electronic Components Datasheet Search |
|
LM339 Datasheet(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LM339 Datasheet(HTML) 4 Page - STMicroelectronics |
|
4 / 10 page ![]() LM139,A-LM239,A-LM339,A 4/10 SUPPLY CURRENT versus SUPPLY VOLTAGE OUTPUT SATURATION VOLTAGE versus OUTPUT CURRENT RESPONSE TIME FOR VARIOUS INPUT OVERDRIVES - POSITIVE TRANSITION INPUT CURRENT versus SUPPLY VOLTAGE RESPONSE TIME FOR VAROIOUS INPUT OVERDRIVES - NEGATIVE TRANSITION 1 0.8 0.6 0.4 0.2 0 10 20 30 40 SUPPLY VOLTAGE (V) Tamb =+70°C Tamb = +125°C Tamb =0°C R = Tamb= +25°C Tamb = -55°C Tamb = +125°C Out of saturation 10 1 10 -3 10 -2 10 -1 10 0 10 -2 10 -1 10 0 10 1 10 2 OUTPUT SINK CURRENT (mA) Out of saturation Tamb = -55°C Tamb=+25°C 5V 5.1kΩ eo e I 6 5 4 3 2 1 0 1 00 50 0 0.5 1 1.5 2 TIME ( µs) 0 p In ut overdrive : 100mV Tamb=+25°C 5mV 20mV 20 10 20 30 40 SUPPLY VOLTAGE (V) Tamb =+70°C Tamb = +125°C Tamb = -55°C 40 60 80 0 Tamb =0°C Tamb=+25°C V= 0V i R= 10 Ω i 9 5V 5.1k Ω eo e I 6 5 4 3 2 0 0 -50 -100 0 0.5 1 1.5 2 TIME ( µs) Input overdrive : 5mV 20mV 1 100mV Tamb=+25°C |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |