Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM339 Datasheet(PDF) 7 Page - STMicroelectronics

Part # LM339
Description  LOWPOWER QUAD VOLTAGE COMPARATORS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM339 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button LM339 Datasheet HTML 2Page - STMicroelectronics LM339 Datasheet HTML 3Page - STMicroelectronics LM339 Datasheet HTML 4Page - STMicroelectronics LM339 Datasheet HTML 5Page - STMicroelectronics LM339 Datasheet HTML 6Page - STMicroelectronics LM339 Datasheet HTML 7Page - STMicroelectronics LM339 Datasheet HTML 8Page - STMicroelectronics LM339 Datasheet HTML 9Page - STMicroelectronics LM339 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
LM139,A-LM239,A-LM339,A
7/10
TYPICAL SINGLE (continued)
TWO-DECADE HIGH-FREQUENCY VCO
LIMIT COMPARATOR
SPLIT-SUPPLY APPLICATIONS
ZERO CROSSING DETECTOR
CRYSTAL CONTROLLED OSCILLATOR
COMPARATOR WITH A NEGATIVE
REFERENCE
VCC
Output 1
Output 2
VCC
100k
Ω
3k
Ω
5.1k
Ω
VCC /2
VCC /2
0.01
µ F
500pF
100k
Ω
0.1
µF
20k
Ω
50k
Ω
Frequency control
voltage input
vcontrol
VCC =+30V
+250mV
Vcontrol +50V
700 Hz
f
100kHz
o
20k
Ω
3k
Ω
1/4
LM139
1/4
LM139
1/4
LM139
10k
Ω
e I ~
RS
2RS
V(ref)
high
2RS
V(ref)
low
2N 2222
(12V)
V
CC
Lamp
1/4
LM139
1/4
LM139
15V
5.1k
Ω
e o
e I ~
15V
1/4
LM139
2k
Ω
0.1
µF
200k
Ω
f = 100kHz
eo
=15V
VCC
VCC
0
100k
Ω
200k
Ω
1/4
LM139
15V
5.1k Ω
e o
e I ~
15V
5V
1/4
LM139



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com