Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ALD24CU Datasheet(PDF) 3 Page - Shanghai Shunye Electronics Co.,Ltd.

Part # ALD24CU
Description  ESD Protection Diddes Array
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHUNYE [Shanghai Shunye Electronics Co.,Ltd.]
Direct Link  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shanghai Shunye Electronics Co.,Ltd.

ALD24CU Datasheet(HTML) 3 Page - Shanghai Shunye Electronics Co.,Ltd.

  ALD24CU Datasheet HTML 1Page - Shanghai Shunye Electronics Co.,Ltd. ALD24CU Datasheet HTML 2Page - Shanghai Shunye Electronics Co.,Ltd. ALD24CU Datasheet HTML 3Page - Shanghai Shunye Electronics Co.,Ltd. ALD24CU Datasheet HTML 4Page - Shanghai Shunye Electronics Co.,Ltd. ALD24CU Datasheet HTML 5Page - Shanghai Shunye Electronics Co.,Ltd. ALD24CU Datasheet HTML 6Page - Shanghai Shunye Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Eletrical Characteristics
Symbol
Description
VRWM
Rated reverse stand-off voltage
VBR
Minimum breakdown voltage @IT = 1mA
VCL
Clamping voltage
IPP
Maximum peak pulse current
IR
Reverse leakage current @VRWM
CJ
Typical line capacitance (VIO=0V, VP-P = 30mV, f = 1MHz)
Table-4
Parameters Description
At TA = 25
℃ unless otherwise noted
Part Number
VRWM
(max.)
VBR
(min.)
VCL@I=1A
(max.)
IPP
(max.)
VCL@I=IPP
(max.)
IR
(max.)
CJ
(typ.)
(V)
(V)
(V)
(A)
(V)
(uA)
(pF)
ALD03CU
3.3
4.0
8.5
17.0
20
1.0
0.8
ALD05CU
5.0
6.0
9.5
15.0
21
1.0
0.8
ALD08CU
8.0
8.5
12.0
12.0
25
1.0
0.8
ALD12CU
12.0
13.3
19.0
7.0
35
1.0
0.8
ALD15CU
15.0
16.5
24.0
5.0
45
1.0
0.8
ALD24CU
24.0
26.0
34.0
4.0
55
1.0
0.8
Table-5 Electrical Characteristics for All Series
ALDxxCU series
www.shunyegroup.com.cn
V2.22



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com