Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ALD24CU Datasheet(PDF) 6 Page - Shanghai Shunye Electronics Co.,Ltd.

Part # ALD24CU
Description  ESD Protection Diddes Array
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHUNYE [Shanghai Shunye Electronics Co.,Ltd.]
Direct Link  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shanghai Shunye Electronics Co.,Ltd.

ALD24CU Datasheet(HTML) 6 Page - Shanghai Shunye Electronics Co.,Ltd.

  ALD24CU Datasheet HTML 1Page - Shanghai Shunye Electronics Co.,Ltd. ALD24CU Datasheet HTML 2Page - Shanghai Shunye Electronics Co.,Ltd. ALD24CU Datasheet HTML 3Page - Shanghai Shunye Electronics Co.,Ltd. ALD24CU Datasheet HTML 4Page - Shanghai Shunye Electronics Co.,Ltd. ALD24CU Datasheet HTML 5Page - Shanghai Shunye Electronics Co.,Ltd. ALD24CU Datasheet HTML 6Page - Shanghai Shunye Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Dimension
Symbol
Dimensions in Millimeters
Dimensions in Inches
Min.
Max.
Min.
Max.
A
1.000
0.039
A1
0.000
0.100
0.000
0.004
A2
0.800
0.950
0.031
0.037
b
0.250
0.350
0.010
0.014
C
0.080
0.150
0.003
0.006
D
1.200
1.400
0.047
0.055
E
1.600
1.800
0.063
0.071
E1
2.400
2.750
0.094
0.108
L
0.475REF
0.019REF
L1
0.250
0.400
0.010
0.016
θ
0°
8°
0°
8°
Table-6
product dimensions
Recommended Land Pattern
Note:
1. Controlling dimension: in millimeters
2. General tolerance: ±0.05mm
3. The pad layout is for reference only
ALDxxCU series
www.shunyegroup.com.cn
V2.22



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com