Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ALD24CU Datasheet(PDF) 1 Page - Shanghai Shunye Electronics Co.,Ltd.

Part # ALD24CU
Description  ESD Protection Diddes Array
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHUNYE [Shanghai Shunye Electronics Co.,Ltd.]
Direct Link  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shanghai Shunye Electronics Co.,Ltd.

ALD24CU Datasheet(HTML) 1 Page - Shanghai Shunye Electronics Co.,Ltd.

  ALD24CU Datasheet HTML 1Page - Shanghai Shunye Electronics Co.,Ltd. ALD24CU Datasheet HTML 2Page - Shanghai Shunye Electronics Co.,Ltd. ALD24CU Datasheet HTML 3Page - Shanghai Shunye Electronics Co.,Ltd. ALD24CU Datasheet HTML 4Page - Shanghai Shunye Electronics Co.,Ltd. ALD24CU Datasheet HTML 5Page - Shanghai Shunye Electronics Co.,Ltd. ALD24CU Datasheet HTML 6Page - Shanghai Shunye Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ALDxxCU series
Description
The
ALDxxCU
series
low
capacitance
transient
voltage
suppressor arrays, designed to protect applications such as
portable electronics and SMART phones. This series is available
in bidirectional configurations and is rated at 300 Watts for an
8/20μs waveshape. This series offers a low capacitance and low
leakage current in a miniature SOD323 package.
Features
⚫ IEC 61000-4-2 (ESD)
- ±30kV Contact Discharge
- ±30kV Air Discharge
⚫ 300W Peak pulse Power (8/20us)
⚫ IEC 61000-4-4 EFT Protection
- 40A (5/50ns)
Halogen free and RoHS compliant
Protects one directional I/O line
Transient protection for high-speed data lines
Low clamping voltage
Low leakage current
Mechanical Data
⚫ Cell Phone Handsets and Accessories
⚫ Microprocessor based equipment
⚫ Personal Digital Assistants
⚫ Notebooks / Desktops / Servers
⚫ Portable Instrumentation
⚫ Peripherals&Pagers
Ordering Information
Part
Number
Package
Material
Packing
Quantity per
reel
Flammability
Rating
Reel Size
ALDxxCU
SOD323
Halogen free
Tape &
Reel
3,000 PCS
UL 94V-0
7 inches
Marking for the ALDxxCU series
VRWM
3.3V
5V
8V
12V
15V
24V
-
Marking
||S3
||S5
||S8
||S12
||S15
||S24
-
Table-1
Ordering information
ESD Protection Diddes Array
www.shunyegroup.com.cn
V2.22


Similar Part No. - ALD24CU

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
ALD20 ASTEC-ALD20 Datasheet
592Kb / 20P
Single Output 16th Brick: 60Watts
ALD20A48- ASTEC-ALD20A48- Datasheet
592Kb / 20P
Single Output 16th Brick: 60Watts
ALD20A48-6 ASTEC-ALD20A48-6 Datasheet
592Kb / 20P
Single Output 16th Brick: 60Watts
ALD20A48-6S ASTEC-ALD20A48-6S Datasheet
592Kb / 20P
Single Output 16th Brick: 60Watts
ALD20A48-S ASTEC-ALD20A48-S Datasheet
592Kb / 20P
Single Output 16th Brick: 60Watts
More results

Similar Description - ALD24CU

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GMF05C VISHAY-GMF05C Datasheet
142Kb / 4P
ESD Protection Diode Array
02-Mar-05
logo
NXP Semiconductors
PESD5V2S18U PHILIPS-PESD5V2S18U Datasheet
86Kb / 8P
ESD protection array
2003 Apr 28
logo
Comchip Technology
CSRS065V0-G COMCHIP-CSRS065V0-G Datasheet
137Kb / 4P
ESD Protection Array
logo
NXP Semiconductors
PESD5V2S18U NXP-PESD5V2S18U Datasheet
147Kb / 8P
ESD protection array
2003 Apr 28
logo
SeCoS Halbleitertechnol...
KS05V4 SECOS-KS05V4 Datasheet
337Kb / 3P
Integrated ESD Protection array
logo
Taiwan Semiconductor Co...
TESDF5V0AU TSC-TESDF5V0AU Datasheet
202Kb / 4P
ESD Protection Array
logo
Comchip Technology
CSRS065V0-G COMCHIP-CSRS065V0-G_12 Datasheet
108Kb / 4P
ESD Protection Array
logo
Taiwan Semiconductor Co...
TESDF5V0AU TSC-TESDF5V0AU_15 Datasheet
264Kb / 5P
ESD Protection Array
logo
Jinan Jing Heng Electro...
ESDT6L23A5V04R JINGHENG-ESDT6L23A5V04R Datasheet
526Kb / 4P
ESD Protection Diode Array
ESDT23A5V02V JINGHENG-ESDT23A5V02V Datasheet
489Kb / 4P
ESD Protection Diode Array
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com