Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FS26 Datasheet(PDF) 70 Page - NXP Semiconductors

Part # FS26
Description  Safety system basis chip with low power for ASIL D/ASIL B
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS26 Datasheet(HTML) 70 Page - NXP Semiconductors

Back Button FS26 Datasheet HTML 66Page - NXP Semiconductors FS26 Datasheet HTML 67Page - NXP Semiconductors FS26 Datasheet HTML 68Page - NXP Semiconductors FS26 Datasheet HTML 69Page - NXP Semiconductors FS26 Datasheet HTML 70Page - NXP Semiconductors FS26 Datasheet HTML 71Page - NXP Semiconductors FS26 Datasheet HTML 72Page - NXP Semiconductors FS26 Datasheet HTML 73Page - NXP Semiconductors FS26 Datasheet HTML 74Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 156 page
background image
NXP Semiconductors
FS26
Safety system basis chip with low power for ASIL D/ASIL B
Bit
Bit Group Name
Description
Value
Settings
1h
77.5 %
2h
82.5 %
DCBST_MAX
3h
87.5 %
0h
PU = 2 Ω / PD = 1.7 Ω
4
VBSTLS_SR_OTP
VBST low-side slew rate
IBSTG
1h
PU = 1.5 Ω / PD = 1.0 Ω
0h
No delay
1h
1 clock cycle
2h
2 clock cycles
3 to 2
VBST_PH_OTP[1:0]
VBST phase delay
3h
3 clock cycles
0h
Auto-enable mode
1
VBST_OV_OTP
VBST_FB OV monitor mode
1h
Overvoltage protection mode
0h
Front-end boost
0
VBST_CFG_OTP
VBST configuration
1h
Back-end boost
Table 72. OTP_VBST_CFG1 register bit description...continued
Go to main OTP configuration map
17.2.5 OTP_VBST_CFG2
Bit
Bit Group Name
Description
Value
Settings
7 to 6
VBST_TON_MIN_OTP[1:0]
VBST minimum on time tON_MIN
0h
200 ns
0h
1000 kΩ
1h
740 kΩ
2h
500 kΩ
5 to 4
VBST_RCOMP_OTP[1:0]
VBST comp resistance
3h
250 kΩ
0h
200 pF
1h
150 pF
2h
100 pF
3 to 2
VBST_CCOMP_OTP[1:0]
VBST comp capacitor
3h
50 pF
0h
3.9 µS
1h
5.1 µS
2h
7.7 µS
1 to 0
VBST_GMCOMP_OTP[1:0]
VBST comp transconductance
3h
15.3 µS
Table 73. OTP_VBST_CFG2 register bit description
Go to main OTP configuration map
17.2.6 OTP_VBST_CFG3
Bit
Bit Group Name
Description
Value
Settings
0h
60 mV / RSNS_BST
1h
120 mV / RSNS_BST
2h
150 mV / RSNS_BST
7 to 6
VBST_ILIM_OTP[1:0]
VBST current limit
VBST_ILIM_TH / RSNS_BST
3h
180 mV / RSNS_BST
00h
0 mV/µs
01h
14 mV/µs
5 to 0
VBST_SC_OTP[5:0]
VBST slope compensation
02h
28 mV/µs
Table 74. OTP_VBST_CFG3 register bit description
FS26_SDS
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product short data sheet
Rev. 6.0 — 12 December 2025
Document feedback
70 / 156



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com