Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FS26 Datasheet(PDF) 58 Page - NXP Semiconductors

Part # FS26
Description  Safety system basis chip with low power for ASIL D/ASIL B
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS26 Datasheet(HTML) 58 Page - NXP Semiconductors

Back Button FS26 Datasheet HTML 54Page - NXP Semiconductors FS26 Datasheet HTML 55Page - NXP Semiconductors FS26 Datasheet HTML 56Page - NXP Semiconductors FS26 Datasheet HTML 57Page - NXP Semiconductors FS26 Datasheet HTML 58Page - NXP Semiconductors FS26 Datasheet HTML 59Page - NXP Semiconductors FS26 Datasheet HTML 60Page - NXP Semiconductors FS26 Datasheet HTML 61Page - NXP Semiconductors FS26 Datasheet HTML 62Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 156 page
background image
NXP Semiconductors
FS26
Safety system basis chip with low power for ASIL D/ASIL B
Bit
7
6
5
4
3
2
1
0
Write
0
0
0
0
0
0
VREF_PD
VBST_TMD
Read
0
0
0
0
0
0
VREF_PD
VBST_TMD
Reset
0
0
0
0
0
0
1
0
Go to main register map
Bit
Symbol
Description
VREF Internal pull-down configuration (RREF_DIS)
0h  Disable internal pull-down when VREF output is disabled
1h  Enable internal pull-down when VREF output is disabled
1
VREF_PD
Reset on power-on reset (POR_M)
VBST output verification mode
h  VBST output is regulated to the configured voltage set by OTP
1h  VBST regulate to 17 V to verify availability
0
VBST_TMD
Reset on power-on reset (POR_M)
Table 47. M_REG_CFG register bit description (default value in bold)
16.2.17 M_WIO_CFG
Bit
15
14
13
12
11
10
9
8
Write
0
0
0
0
GPIO2WUPOL
GPIO1WUPOL
WAKE2POL
WAKE1POL
Read
0
0
0
0
GPIO2WUPOL
GPIO1WUPOL
WAKE2POL
WAKE1POL
Reset
0
0
0
0
0
0
0
0
Table 48. M_WIO_CFG register bit allocation
Bit
7
6
5
4
3
2
1
0
Write
0
0
CSBWUEN
LDTWUEN
GPIO2WUEN
GPIO1WUEN
WK2WUEN
WK1WUEN
Read
0
0
CSBWUEN
LDTWUEN
GPIO2WUEN
GPIO1WUEN
WK2WUEN
WK1WUEN
Reset
0
0
0
0
0
0
0
0
Go to main register map
Bit
Symbol
Description
GPIO2 event detection polarity
0h  High level on GPIO2 will wake up the part
1h  Low level on GPIO2 will wake up the part
11
GPIO2WUPOL
Reset on power-on reset (POR_M)
GPIO1 event detection polarity
0h  High level on GPIO1 will wake up the part
1h  Low level on GPIO1 will wake up the part
10
GPIO1WUPOL
Reset on power-on reset (POR_M)
WAKE2 event detection polarity
0h  High level on WAKE2 will wake up the part
1h  Low level on WAKE2 will wake up the part
9
WAKE2POL
Reset on power-on reset (POR_M)
8
WAKE1POL
WAKE1 event detection polarity
Table 49. M_WIO_CFG register bit description (default value in bold)
FS26_SDS
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product short data sheet
Rev. 6.0 — 12 December 2025
Document feedback
58 / 156



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com