Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FS26 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # FS26
Description  Safety system basis chip with low power for ASIL D/ASIL B
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS26 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button FS26 Datasheet HTML 17Page - NXP Semiconductors FS26 Datasheet HTML 18Page - NXP Semiconductors FS26 Datasheet HTML 19Page - NXP Semiconductors FS26 Datasheet HTML 20Page - NXP Semiconductors FS26 Datasheet HTML 21Page - NXP Semiconductors FS26 Datasheet HTML 22Page - NXP Semiconductors FS26 Datasheet HTML 23Page - NXP Semiconductors FS26 Datasheet HTML 24Page - NXP Semiconductors FS26 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 156 page
background image
NXP Semiconductors
FS26
Safety system basis chip with low power for ASIL D/ASIL B
13 Supply voltage and operating range
13.1 Supply voltage
Depending on the chosen front-end voltage regulator (VPRE or VBST), the FS26 can support two different
supply voltage ranges.
If VBST is chosen to be the front-end DCDC converter (directly connected to the battery), the supply voltage of
the FS26 can go down to voltage levels typical of a cold-crank event. Because of this, the FS26 can still provide
all available regulated voltages, even when the battery line drops below the VPRE output voltage. In this case,
the supply voltage operating range is extended to VBST_IN range.
When VPRE is chosen to be the first DCDC converter connected to the battery, the FS26 is unable to provide
power rails when the supply voltage is below the VPRE_IN minimum limit. This topology can be used in
applications where VSUP_PWR > VPRE_PWM + VPRE_HDR, avoiding degraded operation (drop-out mode). Note that
there is a drop between VBAT and VSUP. VSUP_UVTH_OTP = 1 is then mandatory.
If an application requires voltages above the VPRE output voltage, the boost controller can be used to generate
these voltages. In this case, the supply voltage operating range is narrowed down to the VPRE_IN voltage range.
The VSUP pin voltage VSUP is monitored to avoid erratic startup and shutdown of the FS26. Specific voltage
thresholds are implemented with hysteresis. When VSUP is rising, the FS26 does not start until the VSUP crosses
the VSUP_UVH threshold. If VSUP goes below VSUP_UVL before the end of the power-up sequence, the device will
restart. Once the power-up sequence is finished and the device is in normal mode, VSUP_UVL has no effect.
The VSUPUV6_I SPI bit can notify the system that the input voltage of the FS26 is decreasing, indicating that
VSUP has crossed the VSUP_UV6 voltage threshold.
TA = –40 °C to 125 °C, unless otherwise specified. VSUP_UVH < VSUP < 36 V, VPRE_PWM + VPRE_HDR < VSUP_PWR < 36 V, unless otherwise
specified. All voltages are referenced to ground.
Symbol
Description
Min
Typ
Max
Unit
VSUP
Device input supply voltage (on VSUP pin)
VSUP_UVL
12
36
V
VSUP_PWR Device input supply voltage (on VSUP_PWR pin)
VPRE_IN
12
36
V
VSUP_OV
Threshold voltage to latch the interrupt VSUPOV_I (on VSUP pin)
19.3
20
20.7
V
VSUP_UV6
Threshold voltage to latch the interrupt VSUPUV6_I (on VSUP pin)
5.8
6.0
6.2
V
VSUP undervoltage threshold (rising edge on VSUP pin)
VSUP_UVH
VSUP_UVTH_OTP = 0 (recommended for VBST in front-end configuration)
VSUP_UVTH_OTP = 1 (mandatory for VBST in back-end configuration or not used)
4.6
5.95
4.8
6.1
5.0
6.25
V
VSUP undervoltage threshold (falling edge on VSUP pin)
VSUP_UVL
VSUP_UVTH_OTP = 0 (recommended for VBST in front-end configuration)
VSUP_UVTH_OTP = 1 (mandatory for VBST in back-end configuration or not used)
4.1
5.5
4.3
5.65
4.5
5.8
V
VPRE_UVH
VPRE undervoltage threshold high (rising edge on VPRE pin)
2.9
3.0
3.1
V
VPRE_UVL
VPRE undervoltage threshold low (falling edge on VPRE pin)
2.5
2.6
2.7
V
VPRE_
UVBOS
VPRE undervoltage threshold to switch VBOS from VPRE to VSUP when BOS_IN_
OTP[1:0] = 0
3.4
3.55
3.7
V
Table 8. Electrical characteristics
FS26_SDS
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product short data sheet
Rev. 6.0 — 12 December 2025
Document feedback
21 / 156



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com