Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS4863 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CS4863
Description  Dual 2.2W audio amplifier and stereo headphone function
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CS4863 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CS4863 Datasheet HTML 1Page - List of Unclassifed Manufacturers CS4863 Datasheet HTML 2Page - List of Unclassifed Manufacturers CS4863 Datasheet HTML 3Page - List of Unclassifed Manufacturers CS4863 Datasheet HTML 4Page - List of Unclassifed Manufacturers CS4863 Datasheet HTML 5Page - List of Unclassifed Manufacturers CS4863 Datasheet HTML 6Page - List of Unclassifed Manufacturers CS4863 Datasheet HTML 7Page - List of Unclassifed Manufacturers CS4863 Datasheet HTML 8Page - List of Unclassifed Manufacturers CS4863 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
1、概 述
CS4863 是双桥接的音频功率放大器。当电源电压为 5V 时,在保证总谐波失真、噪声失真之
和小于
1.0%的情况下,可向 4Ω负载提供 2.2W 的输出功率或者可向 3Ω负载提供 2.5W 的输出功
率。另外,当驱动立体声耳机时,耳机输入端允许放大器工作在单端模式。
该系列音频功率放大器为表面贴装电路,极少的外围元器件,高品质的输出功率。对于简单的音
频系统设计,
CS4863 片内集成了双桥扬声器放大和立体声耳机放大。
CS4863 电路的特点为外部控制,低功耗关断模式,立体声耳机放大模式,和内部过热保护,并
且在电路中减少了“开机浪涌脉冲”
。
CS4863 主要应用于多媒体监视器、便携式和台式电脑、便携式电视。
主要特点如下
:
立体声耳机放大模式
“开机浪涌脉冲
”抑制电路
单位增益稳定
过热保护电路
封装形式:
DIP16 / SOP16 / TSSOP20
关键参数:
PO 为 1% THD+N
CS4863LQ 负载为 3Ω,4Ω
典型为
2.5W,2.2W
CS4863MTE 负载为 3Ω,4Ω
典型为
2.5W,2.2W
CS4863MTE 负载为 8Ω
典型为
1.1W
CS4863
负载为
8Ω
典型为
1.1W
单端模式(在
75mW、32Ω时)THD+N
0.5%(最大)
关断电流
典型为
0.7µA
工作电压范围
2.0V~5.5V
2、引脚排列图
SOP16 (DIP16)
TSSOP20
第
2 页 共 21 页
GSW
深圳市国顺威电子有限公司
www.guoshnuwei.com                                   0755-29786700   83222878



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com