Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8205193 Datasheet(PDF) 3 Page - Festo Corporation.

Part # 8205193
Description  Vacuum generator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8205193 Datasheet(HTML) 3 Page - Festo Corporation.

  8205193 Datasheet HTML 1Page - Festo Corporation. 8205193 Datasheet HTML 2Page - Festo Corporation. 8205193 Datasheet HTML 3Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Feature
Value
Electrical connection input, function
Ejector pulse
Power supply
Vacuum generator
Electrical connection output, function
Digital output
Cable characteristic
Suitable for robot applications
Cable diameter
5 mm
Cable diameter tolerance
± 1 mm
Cable length
0.3 m
Protection against tampering
PIN code
Type of mounting
With mounting kit
as per ISO 9409
Pneumatic connection 1
For pneumatic tubing outside diameter 6 mm
Pneumatic connection 3
Pneumatic muffler open
Vacuum connection
G1/8
Note on vacuum connection
Additional accessories possible
Color cable sheath
Black
Material of connecting thread
Wrought aluminum alloy, anodized
Note on materials
RoHS-compliant
Seals material
NBR
Female nozzle material
POM
Compressed air filter material
POM
Housing material
PA-reinforced
Hollow bolt material
Wrought aluminum alloy
Material of cable sheath
PVC
Material of adjusting screw
Steel
Muffler material
PA-reinforced
PE
Material of screws
Steel
Material of jet nozzle
Wrought aluminum alloy
1/6/26 - Subject to change - Festo SE & Co. KG
3/3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com