Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8205193 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 8205193
Description  Vacuum generator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8205193 Datasheet(HTML) 1 Page - Festo Corporation.

  8205193 Datasheet HTML 1Page - Festo Corporation. 8205193 Datasheet HTML 2Page - Festo Corporation. 8205193 Datasheet HTML 3Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Vacuum generator
OVEH-10-L-Q6-G18-UA-C-PNLK-R12-HRC
Part number: 8205193
General operating condition
Data sheet
Feature
Value
Nominal width of Laval nozzle
0.95 mm
Muffler construction type
Open
Mounting position
Any
Ejector characteristics
High suction rate
Standard
Grade of filtration
40 µm
Manual override
None
Integrated function
Electric ejector pulse
Pressure sensor
On/off valve, electric
Filter
Muffler, closed
Structural design
Human-robot collaboration (HRC)
Short-circuit protection
yes
Measured variable
Pressure
Measuring principle
Piezoresistive
Switching element function
N/C contact/N/O contact switchable
Switching function
Freely programmable
Symbol
00995804
Valve function
Closed
Reverse polarity protection
yes
Method of measurement
Piezoresistive pressure sensor with display
Display type
LED display
2-digit
Setting options
IO-Link®
Teach-in
Via display and pushbuttons
Switching status indication
LED yellow
Operating pressure for max. suction rate
0.6 MPa
Operating pressure for max. suction rate
6 bar
Operating pressure for max. suction rate
87 psi
Operating pressure
0.2 MPa ... 0.7 MPa
Operating pressure
2 bar ... 7 bar
Operating pressure
29 psi ... 101.5 psi
Max. vacuum
85 %
Nominal operating pressure
0.4 MPa
Nominal operating pressure
4 bar
Nominal operating pressure
58 psi
1/6/26 - Subject to change - Festo SE & Co. KG
1/3


Similar Part No. - 8205193

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8205190 FESTO-8205190 Datasheet
102Kb / 3P
Vacuum generator
8205191 FESTO-8205191 Datasheet
101Kb / 3P
Vacuum generator
8205192 FESTO-8205192 Datasheet
102Kb / 3P
Vacuum generator
8205194 FESTO-8205194 Datasheet
101Kb / 3P
Vacuum generator
More results

Similar Description - 8205193

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
VN-10-H-T3-PI4-VI4-RI4 FESTO-VN-10-H-T3-PI4-VI4-RI4 Datasheet
81Kb / 1P
Vacuum generator
VN-10-L-T4-PQ2-VA5-RQ3 FESTO-VN-10-L-T4-PQ2-VA5-RQ3 Datasheet
85Kb / 1P
Vacuum generator
VN-10-L-T4-PQ2-VQ2-O2-P FESTO-VN-10-L-T4-PQ2-VQ2-O2-P Datasheet
94Kb / 2P
Vacuum generator
VN-10-L-T4-PQ2-VQ3-RQ3 FESTO-VN-10-L-T4-PQ2-VQ3-RQ3 Datasheet
88Kb / 1P
Vacuum generator
VN-14-H-T4-PI4-VI5-RI5 FESTO-VN-14-H-T4-PI4-VI5-RI5 Datasheet
80Kb / 1P
Vacuum generator
VN-14-H-T4-PQ2-VQ3-RQ3 FESTO-VN-14-H-T4-PQ2-VQ3-RQ3 Datasheet
89Kb / 1P
Vacuum generator
VN-14-L-T4-PQ2-VQ3-RQ3 FESTO-VN-14-L-T4-PQ2-VQ3-RQ3 Datasheet
86Kb / 1P
Vacuum generator
VN-14-L-T4-PQ3-VQ3-RO2-A FESTO-VN-14-L-T4-PQ3-VQ3-RO2-A Datasheet
94Kb / 2P
Vacuum generator
VADMI-140 FESTO-VADMI-140 Datasheet
95Kb / 2P
Vacuum generator
VADMI-140-N FESTO-VADMI-140-N Datasheet
97Kb / 2P
Vacuum generator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com