Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8205193 Datasheet(PDF) 2 Page - Festo Corporation.

Part # 8205193
Description  Vacuum generator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8205193 Datasheet(HTML) 2 Page - Festo Corporation.

  8205193 Datasheet HTML 1Page - Festo Corporation. 8205193 Datasheet HTML 2Page - Festo Corporation. 8205193 Datasheet HTML 3Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Feature
Value
Max. suction rate with respect to atmosphere
30 l/min
Air supply time at nominal operating pressure with ejector pulse
0.4 s
DC operating voltage range
21.6 V ... 26.4 V
Duty cycle
100%
Max. output current
100 mA
Switching output
PNP/NPN switchable
Coil characteristics
24 V DC: 1.0 W
CE marking (see declaration of conformity)
As per EU EMC directive
UKCA marking (see declaration of conformity)
To UK instructions for EMC
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Information on operating and pilot media
Operation with oil lubrication not possible
Vibration resistance
Transport application test with severity level 2 as per FN 942017-4 and
EN 60068-2-6
Shock resistance
Shock test with severity level 2 as per FN 942017-5 and EN 60068-2-27
Corrosion resistance class (CRC)
2 - Moderate corrosion stress
LABS (PWIS) conformity
VDMA24364-B1/B2-L
Temperature of medium
0 °C ... 50 °C
Cleaning advice
Soap suds
Relative air humidity
Max. 93% at 40 °C
Noise level at nominal operating pressure
55 dB(A)
Sound power level at nominal operating pressure
66 dB(A)
Degree of protection
IP40
Ambient temperature
0 °C ... 50 °C
Product weight
415 g
Pressure measuring range
-0.1 MPa ... 0 MPa
Pressure measuring range
-1 bar ... 0 bar
Pressure measuring range
-14.5 psi ... 0 psi
Accuracy in ± % FS
1.5 %FS
Reproducibility, switching value FS
0.3 %
Protocol
IO-Link®
IO-Link®, protocol version
Device V 1.1
IO-Link®, profile
Smart sensor profile
IO-Link®, function classes
Binary data channel (BDC)
Process data variable (PDV)
Identification
Diagnostics
Teach channel
IO-Link®, communication mode
COM2 (38,4 kBd)
IO-Link®, SIO mode support
Yes
IO-Link®, port class
A
IO-Link®, process data width OUT
0 Byte
IO-Link®, process data width IN
2 Byte
IO-Link®, process data content IN
14 bit PDV (pressure measurement)
2 bit BDC (pressure monitoring)
IO-Link®, minimum cycle time
3 ms
IO-Link®, data memory required
0.5 byte
Electrical connection 1, connection type
Cable with plug
Electrical connection 1, cable outlet
Angled
Electrical connection 1, design
Round
Electrical connection 1, connection technology
M8x1 A-coded as per EN 61076-2-104
Electrical connection 1, number of pins/wires
8
Electrical connection 1, occupied pins/wires
5
Electrical connection for input 1, connection pattern
00997560
Electrical connection 1, tightening torque
0.2 Nm
1/6/26 - Subject to change - Festo SE & Co. KG
2/3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com