| Electronic Components Datasheet Search |
|
MLX90609EEA-R2 Datasheet(PDF) 13 Page - Melexis Microelectronic Systems |
|
|
|||||||||||||||||||||||||||||
MLX90609EEA-R2 Datasheet(HTML) 13 Page - Melexis Microelectronic Systems |
|
13 / 22 page ![]() MLX90609 Angular Rate Sensor (Standard version) 390109060901 Page 13 of 22 Data Sheet Rev 008 February/08 5.3.1 ADC Instructions and Answers There are three SPI commands that are used to control embedded ADC of the MLX90609: STATR, ADCC and ADCR. • The Refusal Answer Every instruction sent to the MLX90609 has an answer. If the MLX90609 is not able to accept the instruction a refusal answer will be transmitted out. This answer has a unique format which is shown in the Table 7. The refusal answer is the only one that has a set MSB. The other bits help to understand a possible reason for the instruction rejection. Refusal answer Bit15 Bit14 Bit13 Bit12 Bit11 Bit10 Bit 9 Bit 8 Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 1 OPC EOC X X BUSY X X X X X X X X X X Table 7. Refusal answer format • Command of the Status Reading (STATR) Instruction Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 1 0 0 0 1 0 0 0 Answer Bit15 Bit14 Bit13 Bit12 Bit11 Bit10 Bit 9 Bit 8 Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 0 X EOC X X X X X X X X X CHAN ADEN X X Table 8. Format of the STATR command • • • • Command of the ADC Control (ADCC) Instruction Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 1 0 0 1 CHAN ADEN 0 0 Answer Bit15 Bit14 Bit13 Bit12 Bit11 Bit10 Bit 9 Bit 8 Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 0 X EOC X X X X X X X X X CHAN ADEN X X Table 9. Format of the ADCC command (The answer is the same as for the STATR command) • • • • Command of the ADC Reading (ADCR) Instruction Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 1 0 0 0 0 0 0 0 Answer Bit15 Bit14 Bit13 Bit12 Bit11 Bit10 Bit 9 Bit 8 Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 0 X EOC X AD10 AD9 AD8 AD7 AD6 AD5 AD4 AD3 AD2 AD1 AD0 0 AD10…AD0 A result of the AD-conversion. These bits are valid only when EOC bit is set. Table 10. Format of the ADCR command |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |