Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MLX90609EEA-R2 Datasheet(PDF) 9 Page - Melexis Microelectronic Systems

Part # MLX90609EEA-R2
Description  Angular Rate Sensor (Standard version)
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90609EEA-R2 Datasheet(HTML) 9 Page - Melexis Microelectronic Systems

Back Button MLX90609EEA-R2 Datasheet HTML 5Page - Melexis Microelectronic Systems MLX90609EEA-R2 Datasheet HTML 6Page - Melexis Microelectronic Systems MLX90609EEA-R2 Datasheet HTML 7Page - Melexis Microelectronic Systems MLX90609EEA-R2 Datasheet HTML 8Page - Melexis Microelectronic Systems MLX90609EEA-R2 Datasheet HTML 9Page - Melexis Microelectronic Systems MLX90609EEA-R2 Datasheet HTML 10Page - Melexis Microelectronic Systems MLX90609EEA-R2 Datasheet HTML 11Page - Melexis Microelectronic Systems MLX90609EEA-R2 Datasheet HTML 12Page - Melexis Microelectronic Systems MLX90609EEA-R2 Datasheet HTML 13Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
MLX90609
Angular Rate Sensor (Standard version)
390109060901
Page 9 of 22
Data Sheet
Rev 008
February/08
5.2 Communication with the MLX90609 through the SPI
The MLX90609 has a serial communication interface compatible with Serial Peripheral Interface
(SPI). Likewise SPI the Serial Interface of the MLX90609 specifies four signals:
serial clock (SCLK);
master data output, slave data input (MOSI);
master data input, slave data output (MISO); and
slave select (SS ).
The MLX90609 always operates as a slave. Therefore only MISO pin is an output.
The MLX90609 is selected when the SS pin is low (see Figure 5-2Figure 5-2). When SS pin is high,
data will not be accepted via the MOSI pin. The serial output pin (MISO) will remain in a high
impedance state. High level of SS forces the serial interface into the start state of data exchange.
Data is serially transmitted to the MLX90609 in 8 bit words (an instruction byte) and in 16 bit data
words. Data is serially received from the MLX90609 in 16 bit words (an answer word). Most
Significant Bit (MSB) is the first bit transmitted and received.
Transmission:
After the device is selected with SS going low, the instruction byte will be received by the
MLX90609. On each rising edge of SCLK data from MOSI enter into an internal 8-bit shift register.
The accepted instruction byte contains the op-code that defines the operations to be performed.
Along with op-code this byte can also contain information such as EEPROM address or ADC mode
(to be setup).
Reception:
After the 8th bit is received to the shift register, the command will be executed by the MLX90609.
The format of the outgoing data is defined by the received instruction. All instructions evoke an
answer. A full communication cycle (transmitting an instruction and receiving the full answer) is
finished after 24th clock of the SCLK. Communication can be terminated by putting SS high.
Some remarks:
If an invalid op-code is received, it is rejected and the corresponding data is ignored. In this
case a special
“refusal answer” will be generated.
It's recommended to use synchronization by SS after every data exchange to prevent a data
distortion.
If high level is applied to SS during an instruction byte transmission, the command will be
ignored.
If high level is applied to SS during the answer reception, the answer will be truncated. This
can be used to limit the reading of the answer to e.g. one byte only (see Figure 5-3).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com