Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MLX90609EEA-R2 Datasheet(PDF) 8 Page - Melexis Microelectronic Systems

Part # MLX90609EEA-R2
Description  Angular Rate Sensor (Standard version)
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90609EEA-R2 Datasheet(HTML) 8 Page - Melexis Microelectronic Systems

Back Button MLX90609EEA-R2 Datasheet HTML 4Page - Melexis Microelectronic Systems MLX90609EEA-R2 Datasheet HTML 5Page - Melexis Microelectronic Systems MLX90609EEA-R2 Datasheet HTML 6Page - Melexis Microelectronic Systems MLX90609EEA-R2 Datasheet HTML 7Page - Melexis Microelectronic Systems MLX90609EEA-R2 Datasheet HTML 8Page - Melexis Microelectronic Systems MLX90609EEA-R2 Datasheet HTML 9Page - Melexis Microelectronic Systems MLX90609EEA-R2 Datasheet HTML 10Page - Melexis Microelectronic Systems MLX90609EEA-R2 Datasheet HTML 11Page - Melexis Microelectronic Systems MLX90609EEA-R2 Datasheet HTML 12Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
MLX90609
Angular Rate Sensor (Standard version)
390109060901
Page 8 of 22
Data Sheet
Rev 008
February/08
5. Detailed Description
5.1 The Working Principle
The MLX90609 is a Z-axis rate-sensing device, also called yaw-rate sensing. It produces an analog
positive going output voltage for clockwise (CW) rotation around the axis normal to the package
top, i.e., clockwise when looking down at the package lid as well as a digital SPI signal proportional
to the angular rate.
Figure 5-1. Angular rate (positive for clockwise rotation) to voltage output
The sensor is a MEMS gyroscope sensitive to Coriolis forces. To create a Coriolis force a
movement must be induced. The gyro has an actuated oscillating mechanical structure (primary
mode). The Coriolis force creates a second oscillating movement when the gyroscope rotates
(secondary mode). As Coriolis force is usually extremely weak the primary mode is driven into
resonance to keep the mechanical noise level low for the signal bandwidth used and to have a
good sensitivity. A capacitance change in the secondary mode is detected and transformed into an
output voltage by the electronic interface circuitry.
The electronic interface must convert a change in the sensor capacitance ∆C into a change in
transducer output voltage VOUT according to the following transfer equation:
e
AngularRat
Gain
Bias
V
OUT
∗
+
=
The bias and gain are adjustable over temperature in order to compensate for the TC of sensor and
readout. After adjusting the bias and gain values and after setting operating mode switches during
the calibration process the transducer output voltage versus angular rate must stay as shown in
Figure 5-1 over the specified temperature range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com