Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

REF5020ID Datasheet(PDF) 30 Page - Texas Instruments

Part # REF5020ID
Description  REF50xx Low-Noise, Very Low Drift, Wide VIN Precision Voltage Reference
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF5020ID Datasheet(HTML) 30 Page - Texas Instruments

Back Button REF5020ID Datasheet HTML 26Page - Texas Instruments REF5020ID Datasheet HTML 27Page - Texas Instruments REF5020ID Datasheet HTML 28Page - Texas Instruments REF5020ID Datasheet HTML 29Page - Texas Instruments REF5020ID Datasheet HTML 30Page - Texas Instruments REF5020ID Datasheet HTML 31Page - Texas Instruments REF5020ID Datasheet HTML 32Page - Texas Instruments REF5020ID Datasheet HTML 33Page - Texas Instruments REF5020ID Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 52 page
background image
• Add a high-frequency, 1μF capacitor in parallel between the output and ground to filter noise and help with
switching loads as data converters.
9.4.1.2 REF50xxEI Layout Guidelines
• Place the power-supply bypass capacitor as close as possible to the supply and ground pins. The
recommended value of this bypass capacitor is from 0.1μF to 10μF. If necessary, add decoupling capacitance
to compensate for noisy or high-impedance power supplies. Verify that the smallest capacitor is placed
closest to the device.
• Place a 0.1μF to 1μF class 1 noise filtering capacitor between the NR pin and ground.
• Verify that the output decouples with a 1μF to 100μF low ESR (maximum 1Ω) capacitor.
9.4.2 Layout Example
DNC
V
IN
TEMP
GND
DNC
NC
V
OUT
TRIM/NR
C
C
R
C
C
Figure 9-3. Layout Example for REF50xxI, REF50xxAI
Figure 9-4. Layout Example for REF50xxEI
9.4.3 Power Dissipation
The REF50xx family is specified to deliver current loads of ±10mA over the specified input voltage range. The
temperature of the device increases according to Equation 6:
TJ = TA + PD × θJA
(6)
where
• TJ = junction temperature (°C)
• TA = ambient temperature (°C)
• PD = power dissipated (W)
• θJA = junction-to-ambient thermal resistance (°C/W)
Establish that the REF50xx junction temperature does not exceed the absolute maximum rating of 150°C.
REF50, REF50E
SBOS410O – JUNE 2007 – REVISED OCTOBER 2025
www.ti.com
30
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: REF50 REF50E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com