Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

REF5020ID Datasheet(PDF) 16 Page - Texas Instruments

Part # REF5020ID
Description  REF50xx Low-Noise, Very Low Drift, Wide VIN Precision Voltage Reference
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF5020ID Datasheet(HTML) 16 Page - Texas Instruments

Back Button REF5020ID Datasheet HTML 12Page - Texas Instruments REF5020ID Datasheet HTML 13Page - Texas Instruments REF5020ID Datasheet HTML 14Page - Texas Instruments REF5020ID Datasheet HTML 15Page - Texas Instruments REF5020ID Datasheet HTML 16Page - Texas Instruments REF5020ID Datasheet HTML 17Page - Texas Instruments REF5020ID Datasheet HTML 18Page - Texas Instruments REF5020ID Datasheet HTML 19Page - Texas Instruments REF5020ID Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 52 page
background image
6.8 Typical Characteristics: REF50xxEI
at TA = 25°C, VIN = VEN = VOUT + 0.5V, IL = 0mA, COut = 10μF, CNR = Open, CIN = 0.1μF,
Te mperature(
C)
-25
0
25
50
75
100
125
-0.02
-0.015
-0.01
-0.005
0
0.005
0.01
0.015
0.02
Figure 6-31. Output Voltage Vs Free-Air Temperature
Te mp drift (ppm/
C)
0
5
10
15
20
25
30
35
40
45
0.3
0.4
0.5
0.7
0.9
1.1
1.3
1.5
Figure 6-32. Temperature Drift Distribution
Output Initial Accuracy (%)
0
10%
20%
30%
40%
50%
Figure 6-33. Accuracy Distribution
Figure 6-34. Line Regulation vs Temperature
Te mperature (
C)
-50
-25
0
25
50
75
100
125
0
4
8
12
16
20
Figure 6-35. Load Regulation (Sourcing) vs Temperature
Te mperature (
C)
-50
-25
0
25
50
75
100
125
0
4
8
12
16
20
Figure 6-36. Load Regulation (Sinking) vs Temperature
REF50, REF50E
SBOS410O – JUNE 2007 – REVISED OCTOBER 2025
www.ti.com
16
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: REF50 REF50E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com