Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

REF5020ID Datasheet(PDF) 15 Page - Texas Instruments

Part # REF5020ID
Description  REF50xx Low-Noise, Very Low Drift, Wide VIN Precision Voltage Reference
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF5020ID Datasheet(HTML) 15 Page - Texas Instruments

Back Button REF5020ID Datasheet HTML 11Page - Texas Instruments REF5020ID Datasheet HTML 12Page - Texas Instruments REF5020ID Datasheet HTML 13Page - Texas Instruments REF5020ID Datasheet HTML 14Page - Texas Instruments REF5020ID Datasheet HTML 15Page - Texas Instruments REF5020ID Datasheet HTML 16Page - Texas Instruments REF5020ID Datasheet HTML 17Page - Texas Instruments REF5020ID Datasheet HTML 18Page - Texas Instruments REF5020ID Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 52 page
background image
6.7 Typical Characteristics: REF50xxI, REF50xxAI (continued)
At TA = 25°C, ILOAD = 0, and VS = VOUT + 0.2V, unless otherwise noted. For VOUT ≤ 2.5V, the minimum supply voltage is
2.7 V.
Hours
0
200
400
600
800 1000 1200 1400 1600 1800 2000
-100
-50
0
50
100
150
200
250
VSSOP-8
Figure 6-25. REF50xx Long-Term Stability (First 2000 Hours)
Hours
2000 2200 2400 2600 2800 3000 3200 3400 3600 3800 4000
-100
-50
0
50
100
150
200
250
VSSOP-8
Figure 6-26. REF50xx Long-Term Stability (Second 2000 Hours)
Hours
0
400
800 1200 1600 2000 2400 2800 3200 3600 4000
-100
-50
0
50
100
150
200
250
VSSOP-8
Figure 6-27. REF50xx Long-Term Stability (4000 Hours)
SOIC-8
Figure 6-28. REF50xx Long-Term Stability (First 1000 Hours)
SOIC-8
Figure 6-29. REF50xx Long-Term Stability (Second 1000 Hours)
Hours
0
200 400 600 800 1000 1200 1400 1600 1800 2000
-150
-100
-50
0
50
100
150
200
250
SOIC-8
Figure 6-30. REF50xx Long-Term Stability (2000 Hours)
www.ti.com
REF50, REF50E
SBOS410O – JUNE 2007 – REVISED OCTOBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: REF50 REF50E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com