| Electronic Components Datasheet Search |
|
L9965P Datasheet(PDF) 34 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9965P Datasheet(HTML) 34 Page - STMicroelectronics |
|
34 / 104 page ![]() Symbol Parameter Test condition Min Typ Max Unit Pin tON_FAULT_1H FENH/FENL valid on- time range for high signal at low PWM FENx_MODE = 1, FENx_FREQ = 1 and FENx_LEVEL = 1 34.3 46.9 64.7 µs FENH, FENL tFENx_TIMEOUT FENH/FENL timeout for integrity check in level mode FENx_MODE = 0 1.75 2 2.25 ms FENH, FENL tDEPLOY_DELAY_00 FENH/FENL deploy trigger delay FENX_DLY_CFG = 00 - 0 - ms FENH, FENL tDEPLOY_DELAY_01 FENX_DLY_CFG = 01 1.8 2 2.2 ms FENH, FENL tDEPLOY_DELAY_10 FENX_DLY_CFG = 10 3.6 4 4.4 ms FENH, FENL tDEPLOY_DELAY_11 FENX_DLY_CFG = 11 7.2 8 8.8 ms FENH, FENL 3.6.2 Power stage (PS/PF/PR/PGND) The power stage is made of two power switches whose actuation is triggered by two independent paths, as shown in the Figure 10. The Figure 16 shows the equivalent load model of a pyro-fuse igniter input. The following circuit have been considered when performing power stage diagnostics and deployment simulations. Figure 16. Pyro-fuse input model RPYRO PF PR RWIRE/2 CPF RWIRE/2 LWIRE/2 LWIRE/2 LEMI CPR CPYRO 3.6.2.1 Active pull-down on LS A pull-down current generator (IACT_PD_PR) is present on PR pin to have a minimum current-limited pull-down path to PR and PF pin. The circuit is connected between PR pin force pad and GND pin. As a diagnostic resource is enabled, the pull-down generator is automatically disabled. It is possible to force the disable state of the pull- down generator using the PR_PD_DIS bit located in the INTERNAL_CFG register. 3.6.2.2 LS driver deactivation delay A delay tLS_OFF_DEACT is implemented in the LS driver deactivation with respect to HS driver to: • Limit the LS recirculation energy after fire to ELS_CLAMP; • Protect the device pins against voltage spikes at the end of a deployment event, clamping the voltage to VLS_CLAMP. No equivalent delay is applied at deployment event start. 3.6.2.3 Pyro-fuse deployment profile The HS power-stage features a current controlled powerMOS supporting flexible deployment profiles. It is possible to configure both the current level and the duration: • The I_DEPLOY_CFG field selects the target deploy current level; • The T_DEPLOY_CFG field selects the target deploy time. L9965P Functional description DS14702 - Rev 4 page 34/104 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |