| Electronic Components Datasheet Search |
|
L9965P Datasheet(PDF) 31 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9965P Datasheet(HTML) 31 Page - STMicroelectronics |
|
31 / 104 page ![]() 3.6.1.3 Programmable delay In systems where multiple L9965P ICs are used, it may be required to apply a phase shift between pyro-fuses deployment (see example in the Figure 15). In such case, the deploy control stage can be configured to apply a tDEPLOY_DELAY shift to the start of the deployment procedure (when both arming conditions are set). The delay is programmed through the FENx_DLY_CFG bit. The delay insertion is only available in case of deployment triggered via FENH/FENL signals, while it shall be managed by MCU timers in case of deployment triggered via SPI. Figure 15. Example of two pyro-drivers in a system L9965P L9965P RPYRO RPYRO PACK+ PACK- L9965C RSHUNT RSHUNT FENH FENL FENH FENL FAUL T0 FAUL T1 0us delay 500us delay 3.6.1.4 Pyro-fuse trigger via SPI The output switches can be triggered also by SPI commands: • Writing the 0x155 command in the HS_CMD register • Writing the 0x2AA command in the LS_CMD register HS_CMD and LS_CMD are located at different addresses of the SPI register map so that a sequence of two commands is needed to perform a deployment. The two commands are intentionally different to prevent inadvertent deployment. L9965P Functional description DS14702 - Rev 4 page 31/104 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |