| Electronic Components Datasheet Search |
|
L9965P Datasheet(PDF) 80 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9965P Datasheet(HTML) 80 Page - STMicroelectronics |
|
80 / 104 page ![]() Table 80. CLIENT_NVM_REG_10 - 0x2A Field name Type Bit offset Bit width Reset value Reset sources Description TRIM_FENX_TIMEOUT_FAULTN_MSK RW 9 1 0x0 nPOR_SLEEP 1 = FAULTN assertion from FENx_PWM_TIMEOUT and FENx_LEV_TIMEOUT masked TRIM_FENX_LOW_FREQ_FAULTN_MSK RW 8 1 0x0 nPOR_SLEEP 1 = FAULTN assertion from FENx_LOW_FREQ masked TRIM_FENX_HIGH_FREQ_FAULTN_MSK RW 7 1 0x0 nPOR_SLEEP 1 = FAULTN assertion from FENx_HIGH_FREQ masked TRIM_ERCAP_ESR_THR RW 0 7 0x0 nPOR_SLEEP Threshold for ER CAP ESR value Table 81. CLIENT_NVM_REG_11 - 0x2B Field name Type Bit offset Bit width Reset value Reset sources Description NVM_UPLOAD_COUNT RO 5 5 0x0 nPOR_SLEEP Number of NVM writing TRIM_FAULTN_DIS RW 4 1 0x0 nPOR_SLEEP 0 = FAULTN output enabled 1 = FAULTN output disabled TRIM_FIRE_GOOD_SEL RW 2 2 0x0 nPOR_SLEEP Selection of FIRE_GOOD signal: 00 = Meas res 01 = Dep curr 10 = Meas res and dep curr 11 = None RESERVED RW 1 1 0x0 nPOR_SLEEP Reserved TRIM_PS_OV_FAULTN_MSK RW 0 1 0x0 nPOR_SLEEP 1 = FAULTN assertion from PS_OV masked Table 82. CLIENT_NVM_REG_12 - 0x2C Field name Type Bit offset Bit width Reset value Reset sources Description UNUSED RW 8 2 0x0 nPOR_SLEEP CLIENT_CONFIG_CRC RO 0 8 0x0 nPOR_SLEEP Written internally after NVM download Table 83. SPECIAL_KEY - 0x30 Field name Type Bit offset Bit width Reset value Reset sources Description UNUSED RO 8 2 0x0 nPOR_MAIN SPECIAL_KEY RW 0 8 0x0 nPOR_MAIN 0x55 = Partial unlock 0x33 = Full unlock 0xAA= Lock 0xE1 = Partial SW reset 0x1E = Full SW reset 0x77 = Partial GO2SLP 0xCC = Full GO2SLP L9965P Functional description DS14702 - Rev 4 page 80/104 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |