Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS15ES Datasheet(PDF) 5 Page - OSRAM GmbH

Part # DS15ES
Description  DINT SENSOR STICK 15 W/827 E27
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

DS15ES Datasheet(HTML) 5 Page - OSRAM GmbH

  DS15ES Datasheet HTML 1Page - OSRAM GmbH DS15ES Datasheet HTML 2Page - OSRAM GmbH DS15ES Datasheet HTML 3Page - OSRAM GmbH DS15ES Datasheet HTML 4Page - OSRAM GmbH DS15ES Datasheet HTML 5Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Safety advice
In case of lamp breakage: www.osram.com/brokenlamp
Not for use with external dimmers or electronic switches.
Logistical Data
Product code
Product description
Packaging unit
(Pieces/Unit)
Dimensions (height x
width x length)
Volume
Gross weight
4008321987082
DINT SENSOR STICK
15 W/827 E27
Folding carton box
1
47 mm x 47 mm x
133 mm
0.29 dm³
87.00 g
4008321987426
DINT SENSOR STICK
15 W/827 E27
Shipping carton box
10
103 mm x 139 mm x
242 mm
3.46 dm³
943.00 g
The mentioned product code describes the smallest quantity unit which can be ordered. One shipping unit can contain one or
more single products. When placing an order, for the quantity please enter single or multiples of a shipping unit.
Disclaimer
Subject to change without notice. Errors and omission excepted. Always make sure to use the most recent release.
Product datasheet
__
August 25, 2014, 19:54:52
© 2014, OSRAM GmbH. All rights reserved.
DINT SENSOR STICK 15 W/827 E27
Page 5 of 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com