Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS15ES Datasheet(PDF) 2 Page - OSRAM GmbH

Part # DS15ES
Description  DINT SENSOR STICK 15 W/827 E27
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

DS15ES Datasheet(HTML) 2 Page - OSRAM GmbH

  DS15ES Datasheet HTML 1Page - OSRAM GmbH DS15ES Datasheet HTML 2Page - OSRAM GmbH DS15ES Datasheet HTML 3Page - OSRAM GmbH DS15ES Datasheet HTML 4Page - OSRAM GmbH DS15ES Datasheet HTML 5Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Technical data
Electrical data
Nominal wattage
15.00 W
Rated wattage
15.00 W
Nominal voltage
220…240 V
Claimed equiv. conventional lamp power
67 W
Energy consumption
15 kWh/1000h
Power factor λ
≥
0.55
Operating frequency
50…60 Hz
Photometrical data
Nominal luminous flux
850 lm
Rated luminous flux
850 lm
Color temperature
2700 K
Light color
827
Light color as per EN 12464-1
Warm White
Color rendering index Ra
≥
80
Lumen main.fact.at end of nom.life time
0.65
Color rendering group
1B
Light technical data
Warm-up time (60 %)
≤
20.00 s
Starting time
< 4.0 s
Dimensions & weight
Product line drawing
Product datasheet
__
August 25, 2014, 19:54:52
© 2014, OSRAM GmbH. All rights reserved.
DINT SENSOR STICK 15 W/827 E27
Page 2 of 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com