Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS15ES Datasheet(PDF) 3 Page - OSRAM GmbH

Part # DS15ES
Description  DINT SENSOR STICK 15 W/827 E27
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

DS15ES Datasheet(HTML) 3 Page - OSRAM GmbH

  DS15ES Datasheet HTML 1Page - OSRAM GmbH DS15ES Datasheet HTML 2Page - OSRAM GmbH DS15ES Datasheet HTML 3Page - OSRAM GmbH DS15ES Datasheet HTML 4Page - OSRAM GmbH DS15ES Datasheet HTML 5Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Maximum diameter
46.0 mm
Overall length
132.0 mm
Product weight
75.00 g
Colors & materials
Lamp mercury content
1.6 mg
Temperatures
Ambient temperature range
-25…+50 °C
Lifespan
Nominal lamp life time
10000 h
Rated lamp life time
10000 h
Number of switching cycles
≥
30000
Additional product data
Spectral power distribution
Base (standard designation)
E27
Appropriate disposal acc. to WEEE
Yes
Capabilities
Dimmable
No
Product datasheet
__
August 25, 2014, 19:54:52
© 2014, OSRAM GmbH. All rights reserved.
DINT SENSOR STICK 15 W/827 E27
Page 3 of 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com