Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CBLUSB01 Datasheet(PDF) 21 Page - Red Lion Controls. Inc

Part # CBLUSB01
Description  MODEL PAXDP1/8 DIN DUAL PROCESS INPUT METER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

CBLUSB01 Datasheet(HTML) 21 Page - Red Lion Controls. Inc

Back Button CBLUSB01 Datasheet HTML 17Page - Red Lion Controls. Inc CBLUSB01 Datasheet HTML 18Page - Red Lion Controls. Inc CBLUSB01 Datasheet HTML 19Page - Red Lion Controls. Inc CBLUSB01 Datasheet HTML 20Page - Red Lion Controls. Inc CBLUSB01 Datasheet HTML 21Page - Red Lion Controls. Inc CBLUSB01 Datasheet HTML 22Page - Red Lion Controls. Inc CBLUSB01 Datasheet HTML 23Page - Red Lion Controls. Inc CBLUSB01 Datasheet HTML 24Page - Red Lion Controls. Inc CBLUSB01 Datasheet HTML 25Page - Red Lion Controls. Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
21


BAUD RATE
Set the baud rate to match the other serial communications equipment on the
serial link. Normally, the baud rate is set to the highest value that all the serial
equipment are capable of transmitting and receiving.

DATA BIT
Select either 7 or 8 bit data word lengths. Set the word length to match the
other serial communications equipment on the serial link.


PARITY BIT
Set the parity bit to match that of the other serial communications equipment
on the serial link. The meter ignores the parity when receiving data and sets the
parity bit for outgoing data. If no parity is selected with 7 bit word length, an
additional stop bit is used to force the frame size to 10 bits.


METER UNIT ADDRESS
Enter the serial meter (node) address. The address range is dependent on the

parameter. With a single unit, configured for RLC protocol ( =

), an address is not needed and a value of zero can be used. With multiple
units (RS485 applications), a unique 2 digit address number must be assigned
to each meter.
7-SrL
bAUd
tYPE
dAtA
dELAY
INP A
PAR
Communications
Type
Baud Rate
Transmit
Delay
PAr
Addr
Meter
Address
INP b
Parity Bit
Data Bit
Pro
Print Setpoint
Values
Print
Input B
CALC
Print
Max/Min
Print
Calculation
tot
HILO
Print
Total
SPNt
Print
Input A
Print
Options
OPt
Abbreviated
Printing
Abru
RLC MODE ONLY
NO
YES
PARAMETER MENU












to  (RLC Protocol)
to  (Modbus)
Select the desired communications protocol. Modbus is preferred as it
provides access to all meter values and parameters. Since the Modbus protocol
is included within the PAXDP, the PAX Modbus option card, PAXCDC4,
should not be used. The PAXCDC1 (RS485), or PAXCDC2 (RS232) card
should be used instead.
COMMUNICATIONS TYPE

- RLC Protocol (ASCII)

- Modbus RTU †

- Modbus ASCII


† The Communication Type factory settings must be changed from the
Modbus RTU for Crimson 2 communications.


SETPOINT ANNUNCIATORS




The  mode disables display setpoint annunciators. The  mode
displays the corresponding setpoint annunciators of “on” alarm outputs. The

mode displays the corresponding setpoint annunciators of “off” alarms
outputs. The  mode flashes the corresponding setpoint annunciators of
“on” alarm outputs.
Alternate Setpoints
An Alternate list of setpoint values can be stored and recalled as needed. The
Alternate list allows an additional set of setpoint values. (The setpoint numbers
nor rear terminal numbers will change in the Alternate list.) The Alternate list
can only be activated through a function key or user input programmed for 
in Module 2. When the Alternate list is selected, the Main list is stored and
becomes inactive. When changing between Main and Alternate, the alarm state
of Auto Reset Action alarms will always follow their new value. Latched “on”
alarms will always stay latched during the transition and can only be reset with
a user input or function key. Only during the function key or user input
transition does the display indicate which list is being used.
Ñ
- A communication card must be installed in order to access this
module.
6.7 mOdUle 7 - serial COmmUniCaTiOns ParameTers () Ñ
ALARM
STATE
OFF
ON
Hys
SP
OFF
ON
OFF
OFF
ON
OFF ON
OFF
OFF
ON
OFF
ON
OFF
MANUAL
RESET
SP - Hys
( Auto)
(LAtC1)
(LAtC2)
ì
í
î
Setpoint Alarm Reset Actions
When , the alarm is disabled (after a power up) until the trigger point is
crossed. Once the alarm is on, the alarm operates normally per the Setpoint
Action and Reset Mode.


STANDBY OPERATION





Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com