Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CBLUSB01 Datasheet(PDF) 15 Page - Red Lion Controls. Inc

Part # CBLUSB01
Description  MODEL PAXDP – 1/8 DIN DUAL PROCESS INPUT METER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

CBLUSB01 Datasheet(HTML) 15 Page - Red Lion Controls. Inc

Back Button CBLUSB01 Datasheet HTML 11Page - Red Lion Controls. Inc CBLUSB01 Datasheet HTML 12Page - Red Lion Controls. Inc CBLUSB01 Datasheet HTML 13Page - Red Lion Controls. Inc CBLUSB01 Datasheet HTML 14Page - Red Lion Controls. Inc CBLUSB01 Datasheet HTML 15Page - Red Lion Controls. Inc CBLUSB01 Datasheet HTML 16Page - Red Lion Controls. Inc CBLUSB01 Datasheet HTML 17Page - Red Lion Controls. Inc CBLUSB01 Datasheet HTML 18Page - Red Lion Controls. Inc CBLUSB01 Datasheet HTML 19Page - Red Lion Controls. Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
15

PROGRAM MODE SECURITY CODE*
By entering any non-zero value, the prompt   will appear when trying
to access the Program Mode. Access will only be allowed after entering a
matching security code. With this lock-out, a user input would not have to be
configured for Program Lock-out. However, this lock-out is overridden by an
inactive user input configured for Program Lock-out.








SP-1 SP-2 SP-3 SP-4 SETPOINT ACCESS*
The setpoint displays can be programmed for ,  or  (see the
following table). Accessible only with the Setpoint option card installed.






3-LOC
LO
HI
tOt
SP-4
SP-1
SP-2
SP-3
COdE
PAR
Pro
Min Display
Assignment
Max Display
Assignment
Total Display
Assignment
Setpoint 1
Access
Setpoint 4
Access
Security
Code
Setpoint 3
Access
Setpoint 2
Access
Input B
Assignment
INP b
Input A
Assignment
INP A
Calculation
Assignment
CALC
6.3 mOdUle 3 - disPlay assignmenT and
PrOgram lOCK-OUT ParameTers ()
PARAMETER MENU
* Factory Setting can be used without affecting basic start-up.
to 
Module 3 is the programming for the Display, Display assignments, Display
lock-out and “Full” and “Quick” Program lock-out.
When in the main Display Mode, the available displays (A,B,C,_) can be
read consecutively by repeatedly pressing the
DSP key. An annunciator
indicates the display being shown (_ = No annunciator). A meter display value
can be programmed to one of the displays, to the quick programming mode or
be locked from being visible. It is recommended that the meter display value be
set to  when it is not being used in the application.
“Full” Programming Mode permits all parameters to be viewed and
modified. This Programming Mode can be locked with a security code and/or
user input. When locked and the PAR key is pressed, the meter enters a Quick
Programming Mode. In this mode, the setpoint values can still be read and/or
changed per the selections below. The display Intensity Level ()
parameter also appears whenever Quick Programming Mode is enabled and the
security code greater than zero.
Immediate access.
“Full” Programming
Not Active

0
No access
Quick Programming
Active

0
Immediate access.
“Full” Programming
Not Active

>0
After Quick Programming with correct code # at  prompt.
Quick Programming w/Display Intensity
Active

>0
After Quick Programming with correct code # at  prompt.
Quick Programming w/Display Intensity
————
not 
>0
Immediate access.
“Full” Programming
————
not 
0
“FULL” PROGRAMMING MODE ACCESS
WHEN PAR KEY IS
PRESSED
USER INPUT
STATE
USER INPUT
CONFIGURED
SECURITY
CODE
PROGRAMMING MODE ACCESS
Throughout this document, Programming Mode (without Quick in front) always refers to “Full” Programming (all meter parameters are accessible).
SELECTION
DESCRIPTION




 

 


DISPLAY ASSIGNMENT
15
Not visible in Quick Programming Mode Only
Visible in Quick Programming Mode Only
There are six meter values that can be individually programmed for one of
the main displays (A,B,C or _), or programmed to be viewable in Quick
Programming mode (rEd), or programmed to be locked out from display (LOC)
(see the following table). If two or more values are assigned to the same display
the last value assigned will be the one that is displayed.


Not visible in Display Mode or Quick Programming Mode
Visible in Quick Programming Mode only

Assign to Display _ (No annunciator)

Assign to Display A

Assign to Display B

Assign to Display C
Visible and changeable in Quick Programming Mode Only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com