| Electronic Components Datasheet Search |
|
CBLUSB01 Datasheet(PDF) 14 Page - Red Lion Controls. Inc |
|
|
|||||||||||||||||||||||||||||
CBLUSB01 Datasheet(HTML) 14 Page - Red Lion Controls. Inc |
|
14 / 32 page ![]() 14 14 RESET MINIMUM When activated (momentary action), flashes and the Minimum reading is set to the present assigned value. The Minimum function then continues from that value. This selection functions independent of the selected display. RESET MAXIMUM AND MINIMUM When activated (momentary action), flashes and the Maximum and Minimum readings are set to the present assigned values. The Maximum and Minimum function then continues from that value. This selection functions independent of the selected display. Note: Following display functions are only available on User Input. ADVANCE DISPLAY When activated (momentary action), the display advances to the next display that is not locked out from the Display Mode. SELECT DISPLAY A When activated (momentary action), the display advances to Display A, if enabled. SELECT DISPLAY B When activated (momentary action), the display advances to Display B, if enabled. SELECT DISPLAY C When activated (momentary action), the display advances to Display C, if enabled. SELECT DISPLAY _ When activated (momentary action), the display advances to the Display _ (no annunciator), if enabled. CHANGE DISPLAY INTENSITY LEVEL When activated (momentary action), the display intensity changes to the next intensity level (of 4). The four levels correspond to Display Intensity Level () settings of 0, 3, 8, and 15. SETPOINT SELECTIONS - Select main or alternate setpoints - Reset Setpoint 1 (Alarm 1) - Reset Setpoint 2 (Alarm 2) - Reset Setpoint 3 (Alarm 3) - Reset Setpoint 4 (Alarm 4) - Reset Setpoint 3 & 4 (Alarm 3 & 4) - Reset Setpoint 2, 3 & 4 (Alarm 2, 3 & 4) - Reset Setpoint All (Alarm All) The following selections are functional only with the Setpoint option card installed. Refer to Module 6 - Setpoint (Alarm) Parameters for an explanation of their operation. ì í î Setpoint Card Only SELECT SETPOINT LIST Two lists of values are available for , , , . The two lists are named and . If a user input is used to select the list then is selected when the user input is not active and and is selected when the user input is active (maintained action). If a front panel key is used to select the list then the list will toggle for each key press (momentary action). The display will only indicate which list is active when the list is changed. To program the values for and , first complete the programming of all the parameters. Exit programming and switch to the other list. Re-enter programming and enter the values for , , , . If any other parameters are changed then the other list values must be reprogrammed. PRINT REQUEST The meter issues a block print through the serial port when activated, and the serial type is set to . The data transmitted during a print request and the serial type is programmed in Module 7. If the user input is still active after the transmission is complete (about 100 msec), an additional transmission occurs. As long as the user input is held active, continuous transmissions occur. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |