Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5502MP Datasheet(PDF) 3 Page - Lite-On Technology Corporation

Part # 5502MP
Description  2A Synchronous Step Down DC/DC Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

5502MP Datasheet(HTML) 3 Page - Lite-On Technology Corporation

  5502MP Datasheet HTML 1Page - Lite-On Technology Corporation 5502MP Datasheet HTML 2Page - Lite-On Technology Corporation 5502MP Datasheet HTML 3Page - Lite-On Technology Corporation 5502MP Datasheet HTML 4Page - Lite-On Technology Corporation 5502MP Datasheet HTML 5Page - Lite-On Technology Corporation 5502MP Datasheet HTML 6Page - Lite-On Technology Corporation 5502MP Datasheet HTML 7Page - Lite-On Technology Corporation 5502MP Datasheet HTML 8Page - Lite-On Technology Corporation 5502MP Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
LSP5502
2A Synchronous Step Down DC/DC Converter
3/11
Rev. 1.7
www.liteon-semi.com
M1
0.12Ω
M2
0.12Ω
Supply Current in Shutdown
VEN = 0
0.3
3.0
µA
IC Supply Current in Operation
VEN = 3V, VFB = 1.0V
1.4
1.5
mA
Input UVLO Threshold Rising
UVLO
VEN Rising
3.80
4.05
4.40
V
Input UVLO Threshold Hysteresis
210
mV
Soft-start Current
VSS = 0V
6
µA
Soft-start Period
CSS = 0.1µF
15
mS
Thermal Shutdown Temperature
Hysteresis = 10°C
160
°C
FUNCTIONAL BLOCK DIAGRAM
6
7
8
5
2
1
3
4
INTERNAL
REGULATORS
FB
SS
COMP
EN
7V
Zener
1.1V
0.3V
0.925V
2.5V
1.5V
OVP
SHUTDOWN
COMPARATOR
ERROR
AMPLIFIER
LOCKOUT
COMPARATOR
EN OK
6uA
OSCILLATOR
150/400KHz
RAMP
CLK
1.2V
OVP
IN<4.10V
IN
CURRENT
COMPARATOR
CURRENT
SENSE
AMPLIFIER
5V
IN
BS
SW
GND
S Q
R Q
FUNCTIONAL DESCRIPTION
The LSP5502 is a synchronous rectified, cur-rent-mode, step-down regulator. It regulates in-put voltages from 4.5V
to 23V down to an out-put voltage as low as 0.925V, and supplies up to 2A of load current.
The LSP5502 uses current-mode control to regulate the output voltage. The output voltage is measured at FB
through a resistive voltage divider and amplified through the internal trans-conductance error amplifier. The voltage
at the COMP pin is compared to the switch current
measured internally to control the output voltage.
The converter uses internal N-Channel MOSFET switches to step-down the input voltage to the regulated output
voltage. Since the high side MOSFET requires a gate voltage greater than the input voltage, a boost capacitor
connected between SW and BS is needed to drive the high side gate. The boost capacitor is charged from the
internal 5V rail when SW is low.
When the LSP5502 FB pin exceeds 20% of the nominal regulation voltage of 0.925V, the over volt-age comparator
is tripped and the COMP pin and the SS pin are discharged to GND, forcing the high-side switch off.
Free Datasheet http://www.nDatasheet.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com