Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5502MP Datasheet(PDF) 2 Page - Lite-On Technology Corporation

Part # 5502MP
Description  2A Synchronous Step Down DC/DC Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

5502MP Datasheet(HTML) 2 Page - Lite-On Technology Corporation

  5502MP Datasheet HTML 1Page - Lite-On Technology Corporation 5502MP Datasheet HTML 2Page - Lite-On Technology Corporation 5502MP Datasheet HTML 3Page - Lite-On Technology Corporation 5502MP Datasheet HTML 4Page - Lite-On Technology Corporation 5502MP Datasheet HTML 5Page - Lite-On Technology Corporation 5502MP Datasheet HTML 6Page - Lite-On Technology Corporation 5502MP Datasheet HTML 7Page - Lite-On Technology Corporation 5502MP Datasheet HTML 8Page - Lite-On Technology Corporation 5502MP Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
LSP5502
2A Synchronous Step Down DC/DC Converter
2/11
Rev. 1.7
www.liteon-semi.com
ABSOLUTE MAXIMUM RATINGS
Parameter
Value
Unit
IN Supply Voltage
-0.3 to 30
V
SW Voltage
-1 to VIN + 0.3
V
BS Voltage
VSW – 0.3 to VSW + 6
V
EN, FB, COMP Voltage
-0.3 to 6
V
Continuous SW Current
Internally limited
A
Junction to Ambient Thermal Resistance (θJA)
(Test on Approximately 3 in
2 Copper Area 1OZ copper FR4 board)
70
°C/W
Junction to Ambient Case Resistance (θJC)
20
°C/W
Maximum Power Dissipation
0.76
W
Operating Temperature
-20 to 85
°C
Storage Temperature
-55 to 150
°C
Lead Temperature (Soldering, 10 sec)
300
°C
(Note: Exceeding these limits may damage the device. Exposure to absolute maximum rating conditions for long
periods may affect device reliability.)
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Unit
VIN
Input Voltage
4.5
27
V
TJ
Operating Junction Temperature Range
-20
125
oC
ELECTRICAL CHARACTERISTICS
(VIN = 12V, TA= 25°C unless otherwise specified.)
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Input Operating Voltage
VIN
VOUT = 1.0V, ILOAD = 0A to 2A
4.5
27
V
Input Holdup Voltage
VOUT = 1.0V, ILOAD = 0A to 2A
4.5
V
Feedback Voltage
VFB
4.5V ≤ VIN ≤ 20V
0.900
0.925
0.950
V
Feedback Overvoltage Threshold
1.1
V
High-Side Switch-On Resistance
120
mΩ
Low-Side Switch-On Resistance
120
mΩ
High-Side Switch Leakage
VEN = 0V, VSW = 0V
9
10
µA
Upper Switch Current Limit
3.5
4.0
A
Lower Switch Current Limit
0.9
A
COMP to Current Limit
Transconductance
GCOMP
5.2
A/V
Error Amplifier Transconductance
GEA
∆ICOMP = ±10µA
800
µA/V
Error Amplifier DC Gain
AVEA
480
V/V
Switching Frequency
fSW
350
400
470
kHz
Short Circuit Switching Frequency
VFB = 0
150
kHz
Maximum Duty Cycle
DMAX
VFB = 0.8V
90
%
Minimum On Time
220
nS
EN Shutdown Threshold Voltage
VEN Rising
1.1
1.3
1.5
V
EN Shutdown Threshold Voltage
Hysterisis
200
mV
EN Lockout Threshold Voltage
2.2
2.5
2.7
V
EN Lockout Hysterisis
210
mV
Free Datasheet http://www.nDatasheet.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com