Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5502MP Datasheet(PDF) 1 Page - Lite-On Technology Corporation

Part # 5502MP
Description  2A Synchronous Step Down DC/DC Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

5502MP Datasheet(HTML) 1 Page - Lite-On Technology Corporation

  5502MP Datasheet HTML 1Page - Lite-On Technology Corporation 5502MP Datasheet HTML 2Page - Lite-On Technology Corporation 5502MP Datasheet HTML 3Page - Lite-On Technology Corporation 5502MP Datasheet HTML 4Page - Lite-On Technology Corporation 5502MP Datasheet HTML 5Page - Lite-On Technology Corporation 5502MP Datasheet HTML 6Page - Lite-On Technology Corporation 5502MP Datasheet HTML 7Page - Lite-On Technology Corporation 5502MP Datasheet HTML 8Page - Lite-On Technology Corporation 5502MP Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
LSP5502
2A Synchronous Step Down DC/DC Converter
1/11
Rev. 1.7
www.liteon-semi.com
PIN ASSIGNMENT
18
7
6
5
2
3
4
SS
EN
COMP
FB
BS
IN
SW
GND
(TOP View)
SOP-8L
PIN DESCRIPTION
Name
No.
Description
BS
1
Bootstrap. This pin acts as the positive rail for the high-side switch’s gate driver.
Connect a 0.01uF capacitor between BS and SW.
IN
2
Input Supply. Bypass this pin to G with a low ESR capacitor. See Input Capacitor
in the Application Information section.
SW
3
Switch Output. Connect this pin to the switching end of the inductor.
GND
4
Ground.
FB
5
Feedback Input. The voltage at this pin is regulated to 0.925V. Connect to the
resistor divider between output and ground to set output voltage.
COMP
6
Compensation Pin. See Stability Compensation in the Application Information
section.
EN
7
Enable Input. When higher than 2.5V, this pin turns the IC on. When lower than
1.3V, this pin turns the IC off. Output voltage is discharged when the IC is off. This
pin should not be left open.
SS
8
Soft-Start Control Input. SS controls the soft-start period. Connect a capacitor from
SS to GND to set the soft-start period. A 0.1µF capacitor sets the soft-start period
to 15ms. To disable the soft-start feature, leave SS unconnected.
TYPICAL APPLICATION
Distributed Power Systems
Networking Systems
FPGA, DSP, ASIC Power Supplies
Green Electronics/ Appliances
Notebook Computers
GENERAL DESCRIPTION
The LSP5502 is a monolithic synchronous buck
regulator. The device integrates 120mΩ MOSFETS
that provide 2A continuous load current over a wide
operating input voltage of 4.5V to 27V. Current mode
control
provides
fast
transient
response
and
cycle-by-cycle current limit.
An adjustable soft-start prevents inrush current at turn
on. In shutdown mode, the supply current drops
below 1µA.
This device, available in an 8-pin SOP package,
provides a very compact system solution with minimal
reliance on external components.
FEATURES
2A Output Current
Wide 4.5V to 27V Operating Input Range
Integrated 120mΩ Power MOSFET Switches
Output Adjustable from 0.925V to 24V
Up to 96% Efficiency
Programmable Soft-Start
Stable with Low ESR Ceramic Output Capacitors
Fixed 400KHz Frequency
Cycle-by-Cycle Over Current Protection
Input Under Voltage Lockout
8-Pin SOP Package
Free Datasheet http://www.nDatasheet.com


Similar Part No. - 5502MP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
5502 ETC-5502 Datasheet
31Kb / 1P
High Current RF Chokes
logo
Knowles Electronics
5502 KNOWLES-5502 Datasheet
3Mb / 60P
Introduction to Knowles Precision Devices
logo
Coto Technology
5502-05-1 COTO-5502-05-1 Datasheet
270Kb / 2P
High Voltage Reed Relay
logo
Multicomp Pro
5502-09PA-01-F1 MULTICOMP-5502-09PA-01-F1 Datasheet
351Kb / 1P
Standard D-Sub PCB Connectors Plugs and Sockets
19/02/20 V1.0
logo
Coto Technology
5502-12-1 COTO-5502-12-1 Datasheet
270Kb / 2P
High Voltage Reed Relay
More results

Similar Description - 5502MP

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM605DA ELM-ELM605DA Datasheet
827Kb / 13P
2A synchronous step-down DC/DC converter
logo
E-CMOS Corporation
EC3292 E-CMOS-EC3292 Datasheet
764Kb / 10P
2A, 18V, Synchronous Step-down DC/DC Converter
EC3202S E-CMOS-EC3202S Datasheet
610Kb / 9P
2A, 1.5MHz, Synchronous Step Down DC/DC Converter
logo
Fitipower Integrated Te...
FR9801 FITIPOWER-FR9801 Datasheet
1Mb / 14P
21V, 2A, 600KHz Synchronous Step-Down DC/DC Converter
logo
SHOUDING Shouding Semic...
SD8910 SHOUDING-SD8910 Datasheet
2Mb / 14P
2A , 21V 600KHz Synchronous Step-Down DC/DC Converter
logo
Princeton Technology Co...
RS8407 PTC-RS8407 Datasheet
332Kb / 4P
1.5MHz, 2A, Synchronous Step-Down DC/DC Converter
RS8408 PTC-RS8408 Datasheet
239Kb / 3P
1.5MHz, 2A, Synchronous Step-Down DC/DC Converter
logo
ACE Technology Co., LTD...
ACE7260T ACE-ACE7260T Datasheet
159Kb / 3P
1.0MHz, 2A Synchronous Step-Down DC/DC Converter
VER 1.1
ACE7263C ACE-ACE7263C Datasheet
1Mb / 10P
27V 2A 500KHz Synchronous Step-Down DC/DC Converter
VER 1.2
logo
AiT Semiconductor Inc.
A7122B AITSEMI-A7122B Datasheet
1Mb / 11P
DC-DC CONVERTER BUCK (STEP-DOWN) 2A 2MHz SYNCHRONOUS
REV1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com