Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDMS8672AS Datasheet(PDF) 35 Page - Texas Instruments

Part # FDMS8672AS
Description  Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

FDMS8672AS Datasheet(HTML) 35 Page - Texas Instruments

Back Button FDMS8672AS Datasheet HTML 31Page - Texas Instruments FDMS8672AS Datasheet HTML 32Page - Texas Instruments FDMS8672AS Datasheet HTML 33Page - Texas Instruments FDMS8672AS Datasheet HTML 34Page - Texas Instruments FDMS8672AS Datasheet HTML 35Page - Texas Instruments FDMS8672AS Datasheet HTML 36Page - Texas Instruments FDMS8672AS Datasheet HTML 37Page - Texas Instruments FDMS8672AS Datasheet HTML 38Page - Texas Instruments FDMS8672AS Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 43 page
background image
TPS51222
www.ti.com............................................................................................................................................................................................... SLUS908 – JANUARY 2009
Figure 52. Current Mode, DCR Sensing, 5.0-V/5-A, 3.3-V/5-A, 300-kHz
Table 6. Current Mode, DCR Sensing, 5.0-V/5-A, 3.3-V/5-A, 300-kHz
SYMBOL
SPECIFICATION
MANUFACTURER
PART NUMBER
C11
2 × 120
µF, 6.3V, 15 mΩ
Panasonic
EEFCX0J121R
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
35
Product Folder Link(s) :TPS51222



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com