Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDMS8672AS Datasheet(PDF) 2 Page - Texas Instruments

Part # FDMS8672AS
Description  Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

FDMS8672AS Datasheet(HTML) 2 Page - Texas Instruments

  FDMS8672AS Datasheet HTML 1Page - Texas Instruments FDMS8672AS Datasheet HTML 2Page - Texas Instruments FDMS8672AS Datasheet HTML 3Page - Texas Instruments FDMS8672AS Datasheet HTML 4Page - Texas Instruments FDMS8672AS Datasheet HTML 5Page - Texas Instruments FDMS8672AS Datasheet HTML 6Page - Texas Instruments FDMS8672AS Datasheet HTML 7Page - Texas Instruments FDMS8672AS Datasheet HTML 8Page - Texas Instruments FDMS8672AS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 43 page
background image
XCON
VBST1
DRVH1
SW1
DRVL1
GND
VREG5
VREG5
GND
Control
Logic
PGOOD1
GND
Delay
+
+
+
+
1V+5%/10%
1V-5%/10%
1V-30%
1V+15%
+
PWM
Skip
Ramp
Comp
+
+
VFB1
COMP1
EN1
Enable/
Soft-start
1V
+
CSN1
CSP1
Discharge
Control
GND
100mV
+
V5SW
4.7V/4.5V
GND
VREG5
+
VREF2
GND
GND
1.25V
GND
1.25V
GND
+
VREG3
+
4.7V/4.5V
VIN
EN
+
4.2V/3.8V
150/140
Deg-C
V5OK
THOK
Ready
+
SKIPSEL1
IMON1
OSC
RF
CLK1
CLK2
Fault1
SDN1
UVP
OVP
Fault2
SDN2
Ready
GND
Channel-1Switchershown
+
VREF2
CLK1
VREF2
+
OCP
Ramp
Comp
+
N-OCP
100mV
OOA
Ctrl
+
VFB-AMP
CS-AMP
Amp.
Filter
EN1OK
V5SWOK
Clamp(+)
Clamp(-)
AZC
TPS51222
SLUS908 – JANUARY 2009............................................................................................................................................................................................... www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
FUNCTIONAL BLOCK DIAGRAM
2
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s) :TPS51222



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com