Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDMS8672AS Datasheet (PDF) - Texas Instruments

FDMS8672AS Datasheet PDF - Texas Instruments
Part # FDMS8672AS
Download  FDMS8672AS Download
File Size   865.35 Kbytes
Page   43 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller

FDMS8672AS Datasheet (PDF)

Go To PDF Page Download Datasheet
FDMS8672AS Datasheet PDF - Texas Instruments

Part # FDMS8672AS
Download  FDMS8672AS Click to download

File Size   865.35 Kbytes
Page   43 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller

FDMS8672AS Datasheet (HTML) - Texas Instruments


FDMS8672AS Product details

1FEATURES
2· Input Voltage Range: 4.5 V to 32 V
· Output Voltage Range: 1 V to 12 V
· Selectable Light Load Operation
(Continuous / Auto Skip / Out-Of-Audio™ Skip)
· Programmable Droop Compensation
· Voltage Servo Adjustable Soft Start
· 200-kHz to 1-MHz Fixed-Frequency PWM
· Current Mode Architecture
· 180° Phase Shift Between Channels
· Resistor or Inductor DCR Current Sensing
· Current Monitor Output for Each Channel
· Adaptive Zero Crossing Circuit
· Powergood Output for Each Channel
· OCL/OVP/UVP/UVLO Protections
· Thermal Shutdown (Non-Latch)
· Output Discharge Function
· Integrated Boot Strap MOSFET Switch
· QFN-32 (RTV) Package

APPLICATIONS
· Notebook Computer System and I/O Bus
· Point of Load in LCD TV, MFP

DESCRIPTION
The TPS51222 is a dual synchronous buck regulator
controller with two LDOs. It is optimized for 5-V/3.3-V system controller, enabling designers to cost
effectively complete 2-cell to 4-cell notebook system
power supply. The TPS51222 supports high
efficiency, fast transient response, and 99% duty cycle operation. It supports supply input voltage
ranging from 4.5 V to 32 V, and output voltages from
1 V to 12 V. Peak current mode supports stability
operation with lower ESR capacitor and output
accuracy. The high duty cycle (99%) operation and
the wide input/output voltage range supports flexible
design for small mobile PCs and a wide variety of
other applications. The fixed frequency can be
adjusted from 200 kHz to 1 MHz by a resistor, and each channel runs 180° out-of-phase. The TPS51222
can also synchronize to the external clock, and the
interleaving ratio can be adjusted by its duty. The
TPS51222 is available in the 32-pin 5 × 5 QFN
package and is specified from –40°C to 85°C.




Similar Part No. - FDMS8672AS

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMS8672AS FAIRCHILD-FDMS8672AS Datasheet
243Kb / 8P
N-Channel PowerTrench짰 SyncFET 30V, 28A, 5.0m廓
More results


Similar Description - FDMS8672AS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51220 TI-TPS51220 Datasheet
1Mb / 37P
Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51221 TI-TPS51221 Datasheet
956Kb / 36P
Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51220A TI-TPS51220A Datasheet
838Kb / 45P
Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51220A-Q1 TI1-TPS51220A-Q1 Datasheet
1Mb / 50P
Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51222 TI1-TPS51222 Datasheet
1Mb / 42P
Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51220 TI-TPS51220_15 Datasheet
1Mb / 43P
Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51220A TI-TPS51220A_15 Datasheet
1Mb / 53P
Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51220A-Q1 TI-TPS51220A-Q1_15 Datasheet
1Mb / 51P
Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51221 TI-TPS51221_15 Datasheet
865Kb / 40P
Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51220 TI1-TPS51220_16 Datasheet
1Mb / 43P
Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com