Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PX319-030AI. Datasheet(PDF) 3 Page - Omega Engineering, Inc.

Part # PX319-030AI.
Description  All Stainless Steel Transducer/Transmitter Multimedia Compatibility High-Performance Silicon Technology
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMEGA [Omega Engineering, Inc.]
Direct Link  https://www.omega.com/en-us/
Logo OMEGA - Omega Engineering, Inc.

PX319-030AI. Datasheet(HTML) 3 Page - Omega Engineering, Inc.

  PX319-030AI. Datasheet HTML 1Page - Omega Engineering, Inc. PX319-030AI. Datasheet HTML 2Page - Omega Engineering, Inc. PX319-030AI. Datasheet HTML 3Page - Omega Engineering, Inc. PX319-030AI. Datasheet HTML 4Page - Omega Engineering, Inc. PX319-030AI. Datasheet HTML 5Page - Omega Engineering, Inc. PX319-030AI. Datasheet HTML 6Page - Omega Engineering, Inc. PX319-030AI. Datasheet HTML 7Page - Omega Engineering, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
How to Order
PX309 Series
with 100 mV Outputs
100 mV Output
0-1 to 0-10,000 psi
0-70 mbar to 0-690 bar
To Order
Range
1.5 m Cable
Connection
mini DIN
Connection
Twist-Lock
Connection
M12
Connection
psi
bar
Absolute Pressure
0 to 5
0 to 0.34
PX309-005AV
PX319-005AV
PX329-005AV PX359-005AV
0 to 15
0 to 1
PX309-015AV
PX319-015AV
PX329-015AV PX359-015AV
0 to 30
0 to 2.1
PX309-030AV
PX319-030AV
PX329-030AV PX359-030AV
0 to 50
0 to 3.4
PX309-050AV
PX319-050AV
PX329-050AV PX359-050AV
0 to 100
0 to 6.9
PX309-100AV
PX319-100AV
PX329-100AV PX359-100AV
0 to 200
0 to 14
PX309-200AV
PX319-200AV
PX329-200AV PX359-200AV
0 to 300
0 to 21
PX309-300AV
PX319-300AV
PX329-300AV PX359-300AV
0 to 500
0 to 34
PX309-500AV
PX319-500AV
PX320-500AV PX359-500AV
0 to 1000 0 to 69
PX309-1KAV
PX319-1KAV
PX329-1KAV
PX359-1KAV
Gage Pressure
0 to 1
0 to 0.07
PX309-001GV
PX319-001GV
PX329-001GV PX359-001GV
0 to 2
0 to 0.14
PX309-002GV
PX319-002GV
PX329-002GV PX359-002GV
0 to 5
0 to 0.34
PX309-005GV
PX319-005GV
PX329-005GV PX359-005GV
0 to 15
0 to 1
PX309-015GV
PX319-015GV
PX329-015GV PX359-015GV
0 to 30
0 to 2.1
PX309-030GV
PX319-030GV
PX329-030GV PX359-030GV
0 to 50
0 to 3.4
PX309-050GV
PX319-050GV
PX329-050GV PX359-050GV
0 to 100
0 to 6.9
PX309-100GV
PX319-100GV
PX329-100GV PX359-100GV
0 to 150
0 to 10
PX309-150GV
PX319-150GV
PX329-150GV PX359-150GV
0 to 200
0 to 14
PX309-200GV
PX319-200GV
PX329-200GV PX359-200GV
0 to 300
0 to 21
PX309-300GV
PX319-300GV
PX329-300GV PX359-300GV
0 to 500
0 to 34
PX309-500GV
PX319-500GV
PX329-500GV PX359-500GV
0 to 1000
0 to 69
PX309-1KGV
PX319-1KGV
PX329-1KGV
PX359-1KGV
0 to 2000
0 to 138
PX309-2KGV
PX319-2KGV
PX329-2KGV
PX359-2KGV
0 to 3000
0 to 207
PX309-3KGV
PX319-3KGV
PX329-3KGV
PX359-3KGV
0 to 5000
0 to 345
PX309-5KGV
PX319-5KGV
PX329-5KGV
PX359-5KGV
0 to 7500
0 to 517
PX309-7.5KGV
PX319-7.5KGV
PX329-7.5KGV PX359-7.5KGV
0 to 10,000 0 to 690
PX309-10KGV
PX319-10KGV
PX329-10KGV PX359-10KGV
Vacuum and Compound Gage Pressure
-0 to -15
—
PX309-015VV
PX319-015VV
PX329-015VV PX359-015VV
-15 to 0 to +15
—
PX309-015CGV PX319-015CGV PX329-015CGV PX359-015CGV
-15 to 30
-1.03 to 2.1
PX309-V030GV PX319-V030GV PX329-V030GV PX359-V030GV
-15 to 50
-1.03 to 3.4
PX309-V050GV PX319-V050GV PX329-V050GV PX359-V050GV
-15 to 100 -1.03 to 6.9
PX309-V100GV PX319-V100GV PX329-V100GV PX359-V100GV
-15 to 150 -1.03 to 10.3 PX309-V150GV PX319-V150GV
PX329-V150GV PX359-V150GV
Comes complete with 5-point NIST-traceable calibration.
Notes: 1. Units 100 psig and above may be subjected to vacuum on the pressure port
without damage. 2. For alternative performance specifications to suit your application,
contact Engineering.
Ordering Examples: PX309-100GV, 100 psi gage pressure transducer with 100 mV output at
5 Vdc excitation and 1.5 m cable termination.
PX319-015AV, 15 psi absolute pressure transducer with
100 mV output @ 10 Vdc excitation and mini DIN termination.
PX329-3KGV, 3000 psi gage pressure transducer with 100 mV output @ 5 Vdc excitation
and twist-lock 6 pin connector termination. Mating connector sold separately, order
PT06V-10-6S,
Consult Sales for OEM pricing.
PX319-050GV,
mini DIN connector
included, shown smaller
than actual size.
mini DIN
style.
Metric Versions of PX309
also available from OMEGA.
Please see PXM309 series.
PX309 Series
Standard
100 mV Output
Specifications
(In Addition to Common
Specifications on page 2)
Setting Accuracy Zero and Span:
±2% FS (±4% FS for 1 and 2 psi)
Supply Voltage:
-15 to 50 psig and 0 to 1000
psia: 10 Vdc, 100 to 10,000
psig: 5 Vdc typical
* Ratiometric Excitation Range: 2 to 10 or
1 to 5 Vdc
Input Impedance: 4k to 13k Ω
Output Impedance: 4k to 6k Ω
Zero Shift:
-15 to 50 psig and 0 to 1000
psia: ±0.03%/°C (0 to 5 psig/
psia is ±0.06%/°C, 0 to 2 psig
is ±0.08%/°C, 0 to 1 psig is
±0.1%/°C). 100 to 10,000
psig: ±2% over compensated
range ref 25°C
Span Shift:
-15 to 50 psig and 0 to 1000
psia: ±0.03%/°C (0 to 5 psig/
psia is ±0.04%/°C, 0 to 2 psig
is ±0.05%/°C, 0 to 1 psig is
±0.06%/°C). 100 to 10,000
psig: ±2% over compensated
range ref 25°C
Compensated Temperature:
-15 to 50 psig and 0 to 1000
psia: 0 to 50°C, 100 to 10,000
psig: 0 to 55°C
100 mV Outputs
Range
Output
Excitation*
5 to 1000 psia
100 mV
10 Vdc
1 psig
20 mV
10 Vdc
2 psig
40 mV
10 Vdc
5 to 50 psig
100 mV
10 Vdc
100 to 10,000 psig 100 mV
5 Vdc
0 to -15 psig
0 to 100 mV 10 Vdc
-15 to 0
to +15 psig
-100 to 0
to +100 mV 10 Vdc
-15 to 30/50 psig 0 to 100 mV 10 Vdc
-15 to 100/150 psig 0 to 100 mV
5 Vdc



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com