Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PX319-030AI. Datasheet(PDF) 7 Page - Omega Engineering, Inc.

Part # PX319-030AI.
Description  All Stainless Steel Transducer/Transmitter Multimedia Compatibility High-Performance Silicon Technology
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMEGA [Omega Engineering, Inc.]
Direct Link  https://www.omega.com/en-us/
Logo OMEGA - Omega Engineering, Inc.

PX319-030AI. Datasheet(HTML) 7 Page - Omega Engineering, Inc.

  PX319-030AI. Datasheet HTML 1Page - Omega Engineering, Inc. PX319-030AI. Datasheet HTML 2Page - Omega Engineering, Inc. PX319-030AI. Datasheet HTML 3Page - Omega Engineering, Inc. PX319-030AI. Datasheet HTML 4Page - Omega Engineering, Inc. PX319-030AI. Datasheet HTML 5Page - Omega Engineering, Inc. PX319-030AI. Datasheet HTML 6Page - Omega Engineering, Inc. PX319-030AI. Datasheet HTML 7Page - Omega Engineering, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
Installation Notes
PX309 Series
All PX309 (gage and absolute) use a vented
cable. Gage PX309 sensors up to 100 PSIG must
be terminated in a clean dry area that is open to
atmosphere for correct operation. All other sensors
(> 100 psig and all psia ranges) must be terminated
in a dry area but do not need to be vented to
atmosphere. These cables should be sealed (e.g.
RTV) to protect the sensor from moisture getting in
to the sensor through the cable.
PX319 Series
All PX319 are vented through a hole in the
connector and through the mating connector. A
vented cable must be used for low pressure gage
sensors up to 100 PSIG and must be terminated
in a clean dry area that is open to atmosphere
for correct operation. The gasket for the DIN
mating connector has a special stiffener (included)
between the mating surfaces and is used to
maintain the IP65 rating (Spare Gaskets are Part
number P002612). See vented cable assembly
CA-319-4PC24-XXX-WP for gage pressure under
100 psi. All other PX319 sensors can use standard
cable but must be terminated in a dry location or
sealed to prevent water from getting into the cable/
sensor. See cable assembly CA-319-4PC24-XXX
for all other pressure ranges.
On the PX3*9 Series 0 to 5 Vdc output, do not short the Output(+) to Excitation(+)
as permanent damage to the electronics will occur.
PX329 Series
All PX329 are vented through Pin F of the
twist-lock connector. Gage PX329 up to 100 PSIG
must be vented for correct operation and must use the
connector PT06V-10-6S which has no socket on pin
F. Cables for these sensors must use a vented cable,
be sealed at the back of the mating connector and be
terminated in a dry clean area open to the atmosphere.
See cable assembly CA-329-4PC24-XXX-WP for gage
pressure under 100 psi. All other PX329 can use a the
standard PT06F10-6S connector or cables (See cable
assembly CA-329-4PC24-XXX).
PX359 Series
All PX359 are vented through a hole in the connector.
Gage PX359 up to 100 psig must be vented for correct
operation and must use the either the CA-359-4PC22-
2M or CA-359-4PC22-5M or similar cable. They also
must be terminated in a clean dry area open to the
atmosphere. All other PX359 can use a standard M12
mating cable like the M12C-PVC-4-S-F-5.
PX319-100GV
PX309-100GV.
PX329-100GV
PX359-100GV
All models shown smaller
than actual size.
Installation Notes



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com