Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PX319-030AI. Datasheet(PDF) 2 Page - Omega Engineering, Inc.

Part # PX319-030AI.
Description  All Stainless Steel Transducer/Transmitter Multimedia Compatibility High-Performance Silicon Technology
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMEGA [Omega Engineering, Inc.]
Direct Link  https://www.omega.com/en-us/
Logo OMEGA - Omega Engineering, Inc.

PX319-030AI. Datasheet(HTML) 2 Page - Omega Engineering, Inc.

  PX319-030AI. Datasheet HTML 1Page - Omega Engineering, Inc. PX319-030AI. Datasheet HTML 2Page - Omega Engineering, Inc. PX319-030AI. Datasheet HTML 3Page - Omega Engineering, Inc. PX319-030AI. Datasheet HTML 4Page - Omega Engineering, Inc. PX319-030AI. Datasheet HTML 5Page - Omega Engineering, Inc. PX319-030AI. Datasheet HTML 6Page - Omega Engineering, Inc. PX319-030AI. Datasheet HTML 7Page - Omega Engineering, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
†
N/C: Do not connect any wires to this pin.
PX319
mini DIN
PX309
30
(1.2)
56
(2.2) max
16
(0.63)
max
PX309
7
⁄8 HEX
22 (0.88) DIA
30
(0.8) max
CABLE
PX309
1.5 m (5 )
16
(0.63)
PX309
4.3 (0.19)
4.8 (0.19)
4.8 (0.19)
9.4 (0.37)
ø22.3
(0.88)
ø22.3
(0.88)
ø22.3
(0.88)
ø22.3
(0.88)
22.2 (0.875)
Wrench
Flats
25 (1)
Wrench
Flats
63.7
(2.51)
65.2
(2.57)
57.1
(2.25)
45.2
(1.78)
20.8
(0.82)
9.4
(0.37)
49
(1.93)
49.5
(1.95)
Hex
25 (1)
Wrench
Flats
Hex
22.2 (0.875)
Wrench
Flats
Hex
Hex
Hex
Hex
Male
Female
16.2
(0.64)
17
(0.67)
14
(0.55)
10.6
(0.42)
16.5
(0.65)
14.2
(0.56)
13
(0.51)
14.2
(0.56)
14.2
(0.56)
17
(0.67)
10.6
(0.42)
14.2
(0.56)
18.3
(0.72)
12.7
(0.50)
M12 x 1.5-6g
9/16-18 UNF-2A
G 1/4B-19TPI
G 1/8-28TPI
7/16-20 UNJF-2A
1/4-18 NPT
1/8-27 NPT
M12 x 1.5-6H
9/16-18 UNF-2B
G 1/4B-19TPI
G 1/8-28TPI
7/16-20 UNJF-2B
1/4-18 NPT1/8-27 NPT
½ NPT
conduit fitting
included
Code 1
Code 6
Code 0
Code 2
Code ME
Code L
Code MC
Code MA
Code J
Code C
Code A
Code MF
Code M
Code MD
Code MB
Code K
Code D
Code B
4.3 (0.17)
M12 x 1
Vented
through cable
Ø 20.2
(0.8)
M12 x 1
5 (0.2)
PXM459
M12
Connector
PX329
Twist-Lock
PX309
Cable
PX359
M12 Connector
ø 18
(0.70)
20
(0.8) max
M12 x 1
5
(0.2)
Rugged, General
Purpose Transducer
Common Specifications for 100 mV,
0 to 5 Vdc, and 4 to 20 mA Outputs
U
1, 2 & 5 psi Low
Pressure Ranges!
U
All Stainless Steel
Construction
U
Gage or Absolute
Pressure
U
Rugged Solid State
Design
U
High Stability, Low Drift
U
0.25% Static Accuracy
U
IP 65 Protection
Class
OMEGA’s PX309 Series models
below 100 psi use a high-
accuracy silicon sensor protected
by an oil-filled stainless steel
diaphragm. Units 100 psi and
above use silicon strain gages
molecularly bonded to the
stainless steel diaphragm.
mV Output Wiring
Wiring
Cable
M12 and
mini DIN
Twist-
Lock
Excitation (+)
Red
Pin 1
Pin A
Output (+)
White
Pin 3
Pin C
Output (-)
Green
Pin 4
Pin D
Excitation (-) Black
Pin 2
Pin B
Spare
–
–
Pin E
Vent
–
–
Pin F
5 Vdc Output Wiring
Wiring
Cable
M12 and
mini DIN
Twist-
Lock
Excitation (+)
Red
Pin 1
Pin A
Excitation (-) Black
Pin 2
Pin B
Output (+)
White
Pin 3
Pin C
N/C†
–
Pin 4
Pin D
Spare
–
–
Pin E
Vent
–
–
Pin F
mA Output Wiring
Wiring
Cable
M12 and
mini DIN
Twist-
Lock
Supply (+)
Red
Pin 1
Pin A
Supply (-)
Black
Pin 2
Pin B
N/C†
–
Pin 3
Pin C
N/C†
–
Pin 4
Pin D
Spare
–
–
Pin E
Vent
–
–
Pin F
Dimensions: mm (inch)
ø = diameter
Order a snubber to protect your
pressure transducer!
PS-4G, shown actual size.
Snubbers protect sensors
from fluid hammers/spikes.
Common
Specifications
Ranges: -15 to 50 psig, 0 to 1000
psia, 100 to 10,000 psig
Accuracy (Combined Linearity,
Hysteresis and Repeatability):
±0.25% BSL, max
Minimum Resistance Between
Transducer Body and Any Wire:
1M Ω @ 25 Vdc
Calibration: In vertical direction with
fitting down
Pressure Cycles: 10 million, minimum
Pressure Overload: -15 to 50 psig
and 0 to 1000 psia: 3 times rated
pressure or 20 psi whichever
is greater, 100 to 10,000 psig:
2 times rated pressure
Burst Pressure: -15 to 50 psig and
0 to 1000 psia: 4 times rated pressure
or 25 psi whichever is greater, 100
to 10,000 psig: 5 times rated pressure
Long Term Stability (1 Year):
±0.25% of FS, typical
Operating Temperature: -40 to 85°C
(-40 to 185°F)
Pressure Port: 1⁄4-18 MNPT
Pressure Port Material: -15 to 50
psig and 0 to 1000 psia: 316 SS,
100 to 10,000 psig: 17-4 PH SS
Bandwidth: DC to 1 kHz (typical)
CE: Compliant
Shock: 50 g, 11 ms half-sine
Vibration: ±20 g
Response Time: <1 millisecond
Weight:
PX309: 154 g (5.4 oz),
PX319/329/359: 100 g (3.5 oz)
IP Rating: IP65
RoHS: Compliant
Vented
through cable



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com