Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PX409-030AI. Datasheet(PDF) 8 Page - Omega Engineering, Inc.

Part # PX409-030AI.
Description  HIGH ACCURACY PRESSURE TRANSDUCERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMEGA [Omega Engineering, Inc.]
Direct Link  https://www.omega.com/en-us/
Logo OMEGA - Omega Engineering, Inc.

PX409-030AI. Datasheet(HTML) 8 Page - Omega Engineering, Inc.

  PX409-030AI. Datasheet HTML 1Page - Omega Engineering, Inc. PX409-030AI. Datasheet HTML 2Page - Omega Engineering, Inc. PX409-030AI. Datasheet HTML 3Page - Omega Engineering, Inc. PX409-030AI. Datasheet HTML 4Page - Omega Engineering, Inc. PX409-030AI. Datasheet HTML 5Page - Omega Engineering, Inc. PX409-030AI. Datasheet HTML 6Page - Omega Engineering, Inc. PX409-030AI. Datasheet HTML 7Page - Omega Engineering, Inc. PX409-030AI. Datasheet HTML 8Page - Omega Engineering, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
To Order
MODEL NO. DESCRIPTION
DP25B-E
Voltage/current input with excitation
DP25B-S
mV input in excitation
B-25h
U
mV, V, mA,
Strain Gage Inputs
U
Full Process Unit Scaling
U
Built-In Transducer Power
COMPATIBLE METER
DP25B
4-Digit Precision Meter
Process and Strain Models
Because they accept a wide range
of DC voltage and current inputs,
the DP25-B-E strain meters can
handle most process and strain
applications. Features include easy
front-panel scaling to virtually any
engineering units, a remote tare
function for weighing applications,
and a hardware lockout to prevent
unauthorized changes in setup.
In addition, the DP25B-E meters
feature built-in excitation in
4 user-selectable voltages, which
makes them compatible with most
transducers and transmitters.
Comes complete with operator’s manual.
Ordering Examples: DP25B-E, voltage/current input meter for use with 0 to 5 V, 0 to 10 V, 4
to 20 mA output PX409 Series transducers.
DP25B-S, mV input meter for use with mV/V output
PX409 Series transducers.
PATENTED
DP25B, shown close
to actual size.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com