Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PX409-030AI. Datasheet(PDF) 6 Page - Omega Engineering, Inc.

Part # PX409-030AI.
Description  HIGH ACCURACY PRESSURE TRANSDUCERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMEGA [Omega Engineering, Inc.]
Direct Link  https://www.omega.com/en-us/
Logo OMEGA - Omega Engineering, Inc.

PX409-030AI. Datasheet(HTML) 6 Page - Omega Engineering, Inc.

  PX409-030AI. Datasheet HTML 1Page - Omega Engineering, Inc. PX409-030AI. Datasheet HTML 2Page - Omega Engineering, Inc. PX409-030AI. Datasheet HTML 3Page - Omega Engineering, Inc. PX409-030AI. Datasheet HTML 4Page - Omega Engineering, Inc. PX409-030AI. Datasheet HTML 5Page - Omega Engineering, Inc. PX409-030AI. Datasheet HTML 6Page - Omega Engineering, Inc. PX409-030AI. Datasheet HTML 7Page - Omega Engineering, Inc. PX409-030AI. Datasheet HTML 8Page - Omega Engineering, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
4 TO 20 mA OUTPUT
HIGH PERFORMANCE PRESSURE TRANSMITTERS
PIEZORESISTIVE DESIGN WITH HIGH TEMPERATURE PERFORMANCE
B-25f
Ordering Examples: PX409-1.0KGI, 4 to 20 mA output, 1000 psi gage pressure range,
2m (6') cable termination.
PX429-015AI, 4 to 20 mA output, 15 psi absolute pressure, twist lock
termination,
PT06F10-6S, mating twist lock connector (sold separately), and DP25B-E, 4-digit
meter, system with meter.
(See B-25h for information on meters).
To Order
RANGE
2 m (6') CABLE MINI-DIN
TWIST-LOCK
psi
bar
TERMINATION
TERMINATION
TERMINATION
4 to 20 mA OUTPUT, GAGE PRESSURE RANGES
10 in-H2O
25 mb
PX409-10WGI
PX419-10WGI
PX429-10WGI
1
69 mb
PX409-001GI
PX419-001GI
PX429-001GI
2.5
172 mb
PX409-2.5GI
PX419-2.5GI
PX429-2.5GI
5
345 mb
PX409-005GI
PX419-005GI
PX429-005GI
15
1.0
PX409-015GI
PX419-015GI
PX429-015GI
30
2.1
PX409-030GI
PX419-030GI
PX429-030GI
50
3.4
PX409-050GI
PX419-050GI
PX429-050GI
100
6.9
PX409-100GI
PX419-100GI
PX429-100GI
150
10.3
PX409-150GI
PX419-150GI
PX429-150GI
250
17.2
PX409-250GI
PX419-250GI
PX429-250GI
500
34.5
PX409-500GI
PX419-500GI
PX429-500GI
750
51.7
PX409-750GI
PX419-750GI
PX429-750GI
1000
69
PX409-1.0KGI
PX419-1.0KGI
PX429-1.0KGI
1500
103
PX409-1.5KGI
PX419-1.5KGI
PX429-1.5KGI
2500
172
PX409-2.5KGI
PX419-2.5KGI
PX429-2.5KGI
3500
241
PX409-3.5KGI
PX419-3.5KGI
PX429-3.5KGI
5000
345
PX409-5.0KGI
PX419-5.0KGI
PX429-5.0KGI
4 to 20 mA ABSOLUTE PRESSURE RANGES
5
345 mb
PX409-005AI
PX419-005AI
PX429-005AI
15
1.0
PX409-015AI
PX419-015AI
PX429-015AI
30
2.1
PX409-030AI
PX419-030AI
PX429-030AI
50
3.4
PX409-050AI
PX419-050AI
PX429-050AI
100
6.9
PX409-100AI
PX419-100AI
PX429-100AI
150
10.3
PX409-150AI
PX419-150AI
PX429-150AI
250
17.2
PX409-250AI
PX419-250AI
PX429-250AI
500
34.5
PX409-500AI
PX419-500AI
PX429-500AI
750
51.7
PX409-750AI
PX419-750AI
PX429-750AI
1000
69
PX409-1.0KAI
PX419-1.0KAI
PX429-1.0KAI
4 to 20 mA
Specifications
Output: 4 to 20 mA
Supply Voltage: 9 to 30 Vdc
maximum loop res Ω = (Vs-9)x50
[9 to 20 Vdc above 105°C (229°F)]
Accuracy (Combined Linearity,
Hysteresis and Repeatability): ±0.08%
BSL maximum
Zero Balance: ±0.5% FS typical
1% maximum (1% typical, 2% maximum
for 2.5 psi and below)
Span Setting: ±0.5% FS typical 1%
maximum (1% typical, 2% max for 2.5 psi
and below). Calibrated in vertical direction
with fitting down
Operating Temperature Range:
-45 to 115°C (-49 to 240°F)
Compensated Temperature:
Ranges >5 psi: -29 to 85°C (-20 to 185°F)
Ranges ≤ 5 psi: -17 to 85°C (0 to 185°F)
Thermal Effects Zero
(Over Compensated Range):
Ranges >5 psi: ±0.5% span
Ranges ≤5 psi: ±1.0% span
Thermal Effects Span
(Over Compensated Range):
Ranges >5 psi: ±0.5% span
Ranges ≤5 psi: ±1.0% span
Stock Delivery for
most Ranges!
4 to 20 mA Output
0-10 inH2O to 0-5000 psi
25 mb to 0-345 bar
PX409-100GI,
shown actual size.
PX429-015GI,
shown actual
size.
PX419-100GI,
shown actual size.
PX409 Series



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com