Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PX409-030AI. Datasheet(PDF) 7 Page - Omega Engineering, Inc.

Part # PX409-030AI.
Description  HIGH ACCURACY PRESSURE TRANSDUCERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMEGA [Omega Engineering, Inc.]
Direct Link  https://www.omega.com/en-us/
Logo OMEGA - Omega Engineering, Inc.

PX409-030AI. Datasheet(HTML) 7 Page - Omega Engineering, Inc.

  PX409-030AI. Datasheet HTML 1Page - Omega Engineering, Inc. PX409-030AI. Datasheet HTML 2Page - Omega Engineering, Inc. PX409-030AI. Datasheet HTML 3Page - Omega Engineering, Inc. PX409-030AI. Datasheet HTML 4Page - Omega Engineering, Inc. PX409-030AI. Datasheet HTML 5Page - Omega Engineering, Inc. PX409-030AI. Datasheet HTML 6Page - Omega Engineering, Inc. PX409-030AI. Datasheet HTML 7Page - Omega Engineering, Inc. PX409-030AI. Datasheet HTML 8Page - Omega Engineering, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
B-24g
B
PX419 and PX459 PIN OUT
PIN
mV
5/10V
mA
1
+ EXC
+ EXC
+ Supply
2
– EXC
Common – Supply
3
+ SIG + Output
NC
4
– SIG
NC
NC
HIGH ACCURACY PRESSURE
TRANSDUCERS PIEZORESISTIVEDESIGN
WITH HIGH TEMPERATURE PERFORMANCE
Product Label
Hex 22 (0.87) AF
¼-18 NPT
Pressure Adaptor
22
(0.88)
81 (3.2)
81 (3.2)
¼-18 NPT
Pressure Adaptor
Hex 2.5 (1.0) AF
Conduit back end PXM409C
Integral cable back end PXM409
28
(1.1)
5
(0.2)
Twist lock back end PXM429
Vent with
porous plug
(gage units only)
mini DIN back end PXM419
5
(0.2)
5
(0.2)
22
(0.88)
Vent with porous plug
(gage units only)
Glass to medal sealed pins PXM449
5
(0.2)
Integral cable back end PXM409
9
(0.354)
Product Label
Hex 22 (0.87) AF
¼-18 NPT
Pressure Adaptor
22
(0.88)
81 (3.2)
81 (3.2)
¼-18 NPT
Pressure Adaptor
Hex 2.5 (1.0) AF
Conduit back end PXM409C
Integral cable back end PXM409
28
(1.1)
5
(0.2)
Twist lock back end PXM429
Vent with
porous plug
(gage units only)
mini DIN back end PXM419
5
(0.2)
5
(0.2)
22
(0.88)
Vent with porous plug
(gage units only)
Glass to medal sealed pins PXM449
5
(0.2)
Integral cable back end PXM409
9
(0.354)
PX409 Series pressure ranges >15
psi to 1000 psig for pressure ranges
above 1000 psi consult factory.
PX409 Series pressure ranges
15 psi and below.
METERS
MODEL NO.
DESCRIPTION
DP41-S
6-digit high accuracy (0.005%) strain meter for use with mV/V output models
DP41-E
6-digit high accuracy (0.005%) process meter for use with voltage and current output models
DP41-B
6-digit high accuracy (0.005%) universal meter for use with voltage and current output models
also accepts thermocouple and RTD inputs
DP25B-S
4-digit precision strain meter for use with mV/V output models
DP25B-E
4-digit precision process meter for use with voltage and current output models
ACCESSORIES
CX5302
Extra mini-DIN connector for PX419 Series
PT06F10-6S
Mating twist lock connector for PX429 Series
PS-4G
Pressure snubber for air/gaseous media
PS-4E
Pressure snubber for water or light oils
PS-4D
Pressure snubber for dense liquids (motor oil)
PX429-015GI,
shown smaller than
actual size.
Dimensions: mm (inch)
PX409 CABLE CONNECTION
COLOR mV
5/10V
mA
Black – EXC Common – Supply
White + SIG + Output
NC
Green – SIG
NC
NC
Red
+ EXC
+ EXC
+ Supply
PX429 TWIST LOCK PINOUT
PIN
mV
5/10V
mA
A
+ EXC
+ EXC
+ Supply
B
– EXC Common – Supply
C
+ SIG + Output
NC
D
– SIG
NC
NC
E
NC
NC
NC
F
NC
NC
NC
PX409-100GI,
shown smaller
than actual size.
PX419-100GI, shown
smaller than actual size.
Hex = 0.87
1
⁄2 x 14 NPT
Product Label
Hex 22 (0.87) AF M12
Pressure Adaptor
22
(0.88)
81 (3.2)
81 (3.2)
M12
Pressure Adaptor
Hex 2.5 (1.0) AF
Conduit backend PX409C
Integral cable backend PX409
28
(1.1)
5
(0.2)
Twist lock backend PX429
Vent with porous plug
(gage units only)
mini DIN backend PX419
5
(0.2)
5
(0.2)
22
(0.88)
Vent with porous plug
(gage units only)
Integral cable backend PX409
9
(0.354)
Vented
through cable
Ø 20.2
(0.8)
2
(0.2)
2 connector
bacend
M12 connector
backend PX459
ø 20.2
(0.8)
5 (0.2)
M12 x 1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com