Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTML0730. Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # PTML0730.
Description  Accessories Miniature Relay PT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

PTML0730. Datasheet(HTML) 1 Page - TE Connectivity Ltd

  PTML0730. Datasheet HTML 1Page - TE Connectivity Ltd PTML0730. Datasheet HTML 2Page - TE Connectivity Ltd PTML0730. Datasheet HTML 3Page - TE Connectivity Ltd PTML0730. Datasheet HTML 4Page - TE Connectivity Ltd PTML0730. Datasheet HTML 5Page - TE Connectivity Ltd PTML0730. Datasheet HTML 6Page - TE Connectivity Ltd PTML0730. Datasheet HTML 7Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
02-2017, Rev. 0217
www.te.com
© 2014 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
1
SCHRACK
n
Easy replacement of relays on a densely packed DIN rail
n
No reduction of protection class or creepage/clearance with
plastic retainer
n
Plug-in indicator- and protection modules
n
Retainer clip with ejection function for relays of 29 mm height
Premium socket with screwless terminals for
DIN rail mounting
PT 78 74P Premium socket, logical terminal arrangement, 4 pole
PT 78 72P Premium socket, logical terminal arrangement, 2 pole
n
PT 2/4 pole 12/6 A
n
Screwless Clamps
n
Mounting of solid wires without tool
n
Double Clamps per terminal
n
Jumper links for interconnection
n
Open coil circuit for active modules
n
Logical terminal arrangement
Approvals
VDE Cert. No. 40009108, cULus E135149
Technical data
2-pole
4-pole
Rated voltage/Max. switching voltage AC 240/400VAC
240 VAC
Rated current
12 A
6 A
Limiting continuous current
see derating curve
Dielectric strength
coil contact circuit
2500 Vrms
2500 Vrms
open contact circuit
1200 Vrms
1200 Vrms
adjacent contact circuits
2500 Vrms
2000 Vrms
Clearance / creepage
coil contact circuit
≥ 4/4 mm
≥ 4/4 mm
adjacent contact circuits
≥ 3.5/9.5 mm
≥ 1.8/3.5 mm
Material group of insulation parts
IIIa
Insulation to IEC 60664-1
Type of insulation coil-contact circuit
basic
open contact circuit
functional
adjacent contact circuits
basic
Rated insulation voltage
250 V
Pollution degree
21)
Rated voltage system
230 / 400 V
Overvoltage category
III
General Purpose Relays
Accessories
Accessories Miniature Relay PT
Z
1) with inserted relay pollution degree 1 in region
of contact pins / socket inlets.
F0263-F
F0300-B
S0546-AE


Similar Part No. - PTML0730.

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PTML0730 MACOM-PTML0730 Datasheet
265Kb / 5P
Accessories Miniature Relay PT
PTML0730 MACOM-PTML0730 Datasheet
212Kb / 3P
Accessories Industrial Power Relay RT / RP / SR2M
PTML0730 MACOM-PTML0730 Datasheet
530Kb / 7P
Accessories Miniature Relay PT
PTML0730 MACOM-PTML0730 Datasheet
201Kb / 4P
Accessories Industrial Power Relay RT / RP / SR2M
logo
TE Connectivity Ltd
PTML0730 TEC-PTML0730 Datasheet
913Kb / 4P
General Purpose Relays Accessories
07-2016, Rev. 0716
More results

Similar Description - PTML0730.

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
TM78700 MACOM-TM78700 Datasheet
81Kb / 1P
Accessories Miniature Power Relay PCLH and similar design
PT78722 MACOM-PT78722 Datasheet
265Kb / 5P
Accessories Miniature Relay PT
RY78626 MACOM-RY78626 Datasheet
114Kb / 2P
Accessories Miniature PCB Relay RYII
PT270024 MACOM-PT270024_05 Datasheet
294Kb / 4P
Miniature Relay PT
PT7872P MACOM-PT7872P Datasheet
530Kb / 7P
Accessories Miniature Relay PT
2-1393154-0 MACOM-2-1393154-0 Datasheet
721Kb / 4P
Miniature Relay PT
2-1415039-1 MACOM-2-1415039-1 Datasheet
721Kb / 4P
Miniature Relay PT
2-1415529-1 MACOM-2-1415529-1 Datasheet
721Kb / 4P
Miniature Relay PT
PT380024 MACOM-PT380024 Datasheet
721Kb / 4P
Miniature Relay PT
PT78702 MACOM-PT78702 Datasheet
658Kb / 4P
Miniature Relay PT
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com