Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTML0730. Datasheet(PDF) 3 Page - TE Connectivity Ltd

Part # PTML0730.
Description  Accessories Miniature Relay PT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

PTML0730. Datasheet(HTML) 3 Page - TE Connectivity Ltd

  PTML0730. Datasheet HTML 1Page - TE Connectivity Ltd PTML0730. Datasheet HTML 2Page - TE Connectivity Ltd PTML0730. Datasheet HTML 3Page - TE Connectivity Ltd PTML0730. Datasheet HTML 4Page - TE Connectivity Ltd PTML0730. Datasheet HTML 5Page - TE Connectivity Ltd PTML0730. Datasheet HTML 6Page - TE Connectivity Ltd PTML0730. Datasheet HTML 7Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
02-2017, Rev. 0217
www.te.com
© 2014 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
3
SCHRACK
DIN-rail socket with screw type terminals
PT78722/PT78742
n
Socket with logical arrangement of control/load terminals
n
High quality rising clamp terminals
n
Captive combination terminal screws
n
Second A2 for easier looping
n
Jumper bars for interconnection
Approvals
VDE Cert. No. 40009108, cULus E135149
Technical data
2-pole
4-pole
Rated voltage/Max. switching voltage AC 240/400VAC
240 VAC
Rated current
12 A
6 A
Limiting continuous current
see derating curve
Dielectric strength
coil contact circuit
2500 Vrms
2500 Vrms
open contact circuit
1200 Vrms
1200 Vrms
adjacent contact circuits
2500 Vrms
2000 Vrms
Clearance / creepage
coil contact circuit
≥ 4/4 mm
≥ 4/4 mm
adjacent contact circuits
≥ 3.5/9.5 mm
≥ 1.8/3.5 mm
Material group of insulation parts
IIIa
Insulation to IEC 60664-1
Type of insulation coil-contact circuit
basic
open contact circuit
functional
adjacent contact circuits
basic
Rated insulation voltage
250 V
Pollution degree
21)
Rated voltage system
230 / 400 V
Overvoltage category
III
Material compliance: EU RoHS/ELV, China RoHS, REACH, Halogen content
refer to the Product Compliance Support Center at
www.te.com/customersupport/rohssupportcenter
Ambient temperature range
-40…+70˚C
Terminals
screw
Terminals screw torque acc. IEC 61984
0.5 Nm
max.
0.7 Nm
Wire strip length
8 mm
Wire cross section
single wire
2 x 2.5 mm2
fine wire
2 x 2.5 mm2
with bootlace crimp (DIN 46228/1)
2 x 1.5 mm2
Insertion cycles
A (10)
Max. Insertion Force total
100 N
Mounting distance
≥ 0, dense packing
Weight
44 g
60 g
Packaging unit
10 pcs
General Purpose Relays
Accessories
Accessories Miniature Relay PT (Continued)
Z
1) with inserted relay pollution degree 1 in region
of contact pin/socket inlets
F0264-C
S0489-CA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com