Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTML0730. Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # PTML0730.
Description  Accessories Miniature Relay PT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

PTML0730. Datasheet(HTML) 2 Page - TE Connectivity Ltd

  PTML0730. Datasheet HTML 1Page - TE Connectivity Ltd PTML0730. Datasheet HTML 2Page - TE Connectivity Ltd PTML0730. Datasheet HTML 3Page - TE Connectivity Ltd PTML0730. Datasheet HTML 4Page - TE Connectivity Ltd PTML0730. Datasheet HTML 5Page - TE Connectivity Ltd PTML0730. Datasheet HTML 6Page - TE Connectivity Ltd PTML0730. Datasheet HTML 7Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
02-2017, Rev. 0217
www.te.com
© 2014 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
2
SCHRACK
General Purpose Relays
Accessories
Accessories Miniature Relay PT (Continued)
Technical data (continued)
2-pole
4-pole
Material compliance: EU RoHS/ELV, China RoHS, REACH, Halogen content
refer to the Product Compliance Support Center at
www.te.com/customersupport/rohssupportcenter
Ambient temperature range
for mounting/handling
-25…+70˚C
in operation
-40…+70˚C
Terminals
screwless
Wire strip length
12 mm
Wire cross section
solid wire
1x0.75/1/1.5mm2
2x0.75/1mm2
with stand. isolation (no oversize isolation)
2x1.5mm2
stranded wire
without bootlace crimp
1x0.75/1/1.5mm2
2x0.75/1mm2
without bootlace crimp with stand. isolation
2x1.5mm2
with bootlace crimp
1x0.75/1mm2
2x0.75mm2
with bootlace crimp without isolation
1x1.5mm2
or min 18 mm long
For stranded wires with braids 0.05 mm or smaller the use of bootlace
crimps is recommended. When using stranded wires without bootlace
crimp the clamp must be opened during insertion.
Insertion cycles
A (10)
Max. Insertion Force total
100 N
Mounting distance
≥ 0, dense packing
Weight
44 g
60 g
Packaging unit
10 pcs
Socket with screwless terminals for DIN rail mounting
Type
Part Number
PT 7872P
Premium socket,
logical terminal arrangement
Socket with screwless terminals 2 pole
1860100-1
PT 7874P
Premium socket,
logical terminal arrangement
Socket with scewless terminals 4 pole
1860000-1
Accessories for PT 78 72P, PT 78 74P
Type
Part Number
PT 17 021
Plastic retaining clip,
relay height 29 mm
2-1415526-1
PT 28 800
Metal retaining clip PT,
relay height 29 mm
5-1419111-9
PT 17 040
Marking tag
6-1415037-1
PT 17 0P1
Jumper link, max load 12 A
1860214-1
How to use, Precautions
S0553-A
F0295-A
When connecting more than 2 poles with staggered jumper bars the lower
bars need to be stripped and shortened to an appropriate length to enable
correct fitting.
Jumper link



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com