Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32MP255A Datasheet(PDF) 40 Page - STMicroelectronics

Part # STM32MP255A
Description  Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP255A Datasheet(HTML) 40 Page - STMicroelectronics

Back Button STM32MP255A Datasheet HTML 36Page - STMicroelectronics STM32MP255A Datasheet HTML 37Page - STMicroelectronics STM32MP255A Datasheet HTML 38Page - STMicroelectronics STM32MP255A Datasheet HTML 39Page - STMicroelectronics STM32MP255A Datasheet HTML 40Page - STMicroelectronics STM32MP255A Datasheet HTML 41Page - STMicroelectronics STM32MP255A Datasheet HTML 42Page - STMicroelectronics STM32MP255A Datasheet HTML 43Page - STMicroelectronics STM32MP255A Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 234 page
background image
•
Independent clock: a choice of independent clock sources that allows the I2C communication speed to be
independent from the PCLK reprogramming
•
Wake-up from Stop mode on address match
•
Programmable analog and digital noise filters
•
1-byte buffer with DMA capability
3.50
Improved inter-integrated circuit (I3C1/2/3/4)
STM32MP25xA/D devices embed four I3C interfaces, that handle communication between the device and others
that are all connected on an I3C bus, like sensors and host processors.
The I3C peripheral implements all required features of the MIPI I3C specification v1.1. It can control all I3C
bus
‑specific sequencing, protocol, arbitration and timing, and can be acting as controller (formerly known as
master), or as target (formerly known as slave).
The I3C peripheral, acting as controller, improves the I2C interface features still preserving some backward
compatibility: it allows an I2C target to operate on an I3C bus in legacy I2C fast
‑mode (Fm) or legacy I2C
fast
‑mode plus (Fm+), provided that this latter does not perform clock stretching.
The I3C peripheral can be used with DMA in order to off
‑load the CPU.
•
MIPI I3C specification v1.1 (see I3C section in the reference manual), as:
–
I3C primary controller
–
I3C secondary controller
–
I3C target
•
Registers configuration from the host application via the APB slave port
•
Queued transfers:
–
Transmit FIFO (TX
‑FIFO) for data bytes/words to be transmitted on I3C bus
–
Receive FIFO (RX
‑FIFO) for received data bytes/words on I3C bus
–
Control FIFO (C
‑FIFO) for control words to be sent on I3C bus, when controller
–
Status FIFO (S
‑FIFO) for status words as received on I3C bus, when controller
–
For each FIFO, optional DMA mode with a dedicated DMA channel
•
Messages:
–
Legacy I2C read/write messages to legacy I2C targets in Fm/Fm+
–
I3C SDR read/write private messages
–
I3C SDR (write) broadcast CCC messages
–
I3C SDR read/write direct CCC messages
•
Frame
‑level management, when controller:
–
Software
‑triggered or hardware‑triggered transfer
–
Optional C
‑FIFO and TX‑FIFO preload
–
Multiple messages encapsulation
–
Optional arbitrable header
•
Programmable bus timing, when controller
–
SCL high and low period
–
SDA hold time
–
Bus free (minimum) time (between a stop and a start)
–
Bus available/idle condition time, maximum clock stall time
–
Minimum clock stall time during 9th bit
•
Target
‑initiated requests management:
–
In
‑band interrupts, with programmable IBI payload (up to 4 bytes)
–
Bus control request, with recovery flow support and hand
‑off delay
–
Hot
‑join mechanism
–
Pending read notification
STM32MP251A/D STM32MP253A/D STM32MP255A/D STM32MP257A/D
Functional overview
DS14285 - Rev 2
page 40/234



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com