Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32MP255A Datasheet(PDF) 35 Page - STMicroelectronics

Part # STM32MP255A
Description  Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP255A Datasheet(HTML) 35 Page - STMicroelectronics

Back Button STM32MP255A Datasheet HTML 31Page - STMicroelectronics STM32MP255A Datasheet HTML 32Page - STMicroelectronics STM32MP255A Datasheet HTML 33Page - STMicroelectronics STM32MP255A Datasheet HTML 34Page - STMicroelectronics STM32MP255A Datasheet HTML 35Page - STMicroelectronics STM32MP255A Datasheet HTML 36Page - STMicroelectronics STM32MP255A Datasheet HTML 37Page - STMicroelectronics STM32MP255A Datasheet HTML 38Page - STMicroelectronics STM32MP255A Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 234 page
background image
•
Video encode
–
H264 (MPEG4_Part10/AVC, baseline/main/high up to 5.2), VP8
–
Up to 1080p60 for H264/VP8 (performance shared with the VDEC)
•
Still-image encode
–
JPEG (baseline interleaved)
–
Up to 500 Mpixel/s for JPEG (performance shared with the VDEC)
•
VDERAM
–
128 Kbytes
–
Hardware handshake between VENC and VDEC
–
Can be statically assigned to CPU as additional system RAM by SYSCFG setting
3.40
Video decoder (VDEC)
Note:
Features may be limited or absent in some devices or packages (see Section 2 for details).
•
Video decode
–
H264 (MPEG4_Part10/AVC, baseline/main/high up to 5.2), VP8
–
Up to 1080p60 for H264/VP8 (performance shared with the VENC)
•
Still-image decode
–
JPEG (baseline interleaved).
–
Up to 500 Mpixel/s for JPEG (performance shared with the VENC)
•
VDERAM
–
128 Kbytes
–
Hardware handshake between VENC and VDEC
–
Can be statically assigned to CPU as additional system RAM by SYSCFG setting
3.41
True random number generator (RNG )
All devices embed an RNG that deliver s 32-bit random numbers generated by an integrated analog circuit.
3.42
Hash processor (HASH)
The HASH is a fully compliant implementation of the secure hash algorithm (SHA-1, SHA-2 family, SHA-3 family),
and the HMAC (keyed-hash message authentication code) algorithm. The HMAC is suitable for applications that
require a message authentication.
The HASH computes FIPS (federal information processing Standards) approved digests of 160-, 224-, 256-, 384-,
and 512-bit length, for messages of any length:
•
less than 264 bits (for SHA-1, SHA-224, and SHA-256)
•
less than 2128 bits (for SHA-384, SHA-512)
3.43
Public key accelerator (PKA)
The PKA is intended for ECDSA signature generation and verification.
For a given operation, all needed computations are performed within the accelerator: no further hardware/
software elaboration is needed to process inputs or outputs.
3.44
Boot and security and OTP control (BSEC)
The BSEC is used to control an OTP (one-time programmable) fuse box, used for embedded non-volatile storage
for device configuration and security parameters.
Embedded non-volatile secrets are stored in the BSEC upper area that is only accessible while BSEC is operating
in a closed state. In open state those non-volatile secrets are permanently hidden.
The BSEC use is reserved to trusted domain CPU, and boot CPU following a BSEC reset (cold/warm or hot).
STM32MP251A/D STM32MP253A/D STM32MP255A/D STM32MP257A/D
Functional overview
DS14285 - Rev 2
page 35/234



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com