Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32MP255A Datasheet(PDF) 33 Page - STMicroelectronics

Part # STM32MP255A
Description  Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP255A Datasheet(HTML) 33 Page - STMicroelectronics

Back Button STM32MP255A Datasheet HTML 29Page - STMicroelectronics STM32MP255A Datasheet HTML 30Page - STMicroelectronics STM32MP255A Datasheet HTML 31Page - STMicroelectronics STM32MP255A Datasheet HTML 32Page - STMicroelectronics STM32MP255A Datasheet HTML 33Page - STMicroelectronics STM32MP255A Datasheet HTML 34Page - STMicroelectronics STM32MP255A Datasheet HTML 35Page - STMicroelectronics STM32MP255A Datasheet HTML 36Page - STMicroelectronics STM32MP255A Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 234 page
background image
•
Multiple pipelines for parallel applications:
–
Pipe0 (for data dump), for a direct dump without processing
–
Pipe1 (for main use), with downsize, color conversion, YUV-planar
–
Pipe2 (for ancillary use), with downsize, color conversion, YUV-planar
•
Downsize
–
Box-filtering, with any decimal ratio, up to 8x8, on pipe1 and pipe2
•
Gamma conversion
•
RGB to YUV color conversion
•
Output pixel format:
–
Pipe0: any data as is, Y/Rb: 8/10/12/14 statistics, bitstreams
–
Pipe2: RGB888, RGB565, YUV422-1, Y8, ARGB and RGBA (co-planar only)
–
Pipe1: Pipe2 formats + YUV422-2, YUV420-2, YUV420-3 (multi-planar possible)
•
AXI master
3.35
Camera serial interface (CSI)
The CSI provides an interface between the system and the PHY, allowing communication with a CSI-2 compliant
camera.
•
Compliant with MIPI Alliance standard v1.3
•
Up to two data lanes, up to 2.5 Gbit/s per lane in high-speed (HS) mode and 10 Mbit/s in low-power (LP)
mode
•
Data transmission in HS and LP modes
•
Escape mode (ESC), and ultra-low-power state mode (ULPS)
•
CSI-2 virtual channel and data type filtering supporting interleaved data
–
Up to 4 virtual channels
–
Support data formats specified into the MIPI Alliance standard for CSI-2 v1.3 (18 data formats, plus
the user defined onces, up to 7 independent data types)
•
Internal connection with the DCMIPP
3.36
LCD-TFT display controller (LTDC)
The LTDC handles display composition and rotation, with the following main features:
•
3 display layers with dedicated FIFO
•
Input pixel flexible format, including YUV420 full-planar
•
Secure layer: protected access to buffer and configuration registers
•
Output rotation: 90 and 270 degrees
•
Horizontal and vertical mirror
•
Color lookup-table, color keying, gamma, and dithering on output
LTDC parallel interface:
•
Provides a 24-bit parallel digital RGB, and delivers all signals to interface directly to a broad range of LCD
and TFT panels.
•
Up to 150 Mpixel/s, which correspond up to FHD (1920 × 1080) @60 fps resolution with HDMI blankings
•
Output pixel formats: RGB888, RGB666, RGB565, YUV422-16 bits
LTDC DSI interface:
•
The LTDC provide pixels to the display serial interface (DSI).
LTDC LVDS interface:
•
The LTDC provide pixels to the LVDS display interface (LVDS).
STM32MP251A/D STM32MP253A/D STM32MP255A/D STM32MP257A/D
Functional overview
DS14285 - Rev 2
page 33/234



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com